Electronic Components Datasheet Search
  English  ▼

X  

RT9750 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9750
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9750 Datasheet HTML 1Page - Richtek Technology Corporation RT9750 Datasheet HTML 2Page - Richtek Technology Corporation RT9750 Datasheet HTML 3Page - Richtek Technology Corporation RT9750 Datasheet HTML 4Page - Richtek Technology Corporation RT9750 Datasheet HTML 5Page - Richtek Technology Corporation RT9750 Datasheet HTML 6Page - Richtek Technology Corporation RT9750 Datasheet HTML 7Page - Richtek Technology Corporation RT9750 Datasheet HTML 8Page - Richtek Technology Corporation RT9750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
RT9750
5
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Absolute Maximum Ratings (Note 1)
Supply Pin Voltage, VBUS --------------------------------------------------------------------------------------------
−0.3V to 22V
Supply Pin Voltage, VOUT --------------------------------------------------------------------------------------------
−0.3V to 22V
Other Pin Voltage -------------------------------------------------------------------------------------------------------- 0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-42B 2.75x3.05 (BSC) --------------------------------------------------------------------------------------- 3.54W
Package Thermal Resistance (Note 2)
WL-CSP-42B 2.75x3.05 (BSC),
θJA --------------------------------------------------------------------------------- 28.2°C/W
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage Range, VBUS --------------------------------------------------------------------------------- 3.0V to 6V
Supply Input Voltage Range, VOUT --------------------------------------------------------------------------------- 3.0V to 6V
Analog Sense Voltage Range, BATP, BATN ----------------------------------------------------------------------- 0V to 5V
Temperature Sense Voltage Range, TSVBUS, TSBAT ---------------------------------------------------------- 0V to 3V
Output Sink Current, INT ----------------------------------------------------------------------------------------------- 1mA
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Source
VDDA UVLO Threshold
VDDA_VBUS_UVLO
VDDA rising, VBUS > VOUT,
VDDA = VBUS
2.7
2.8
2.9
V
VDDA_VOUT_UVLO
VDDA rising, VBUS < VOUT,
VDDA = VOUT
VDDA UVLO Hysteresis
VDDA_VBUS_HYS
VDDA falling, VBUS > VOUT,
VDDA = VBUS
50
150
250
mV
VDDA_VOUT_HYS
VDDA falling, VBUS < VOUT,
VDDA = VOUT
VBUS Quiescent
Current
IQ_VBUS
VBUS = 4.2V > VOUT, charge mode,
LDSW enable
3
4
6
mA
VOUT Quiescent
Current
IQ_VOUT
VOUT = 4.2V > VBUS, battery mode,
ADC enable
2
3
5
mA
VOUT Leakage Current ILEAK_VOUT
VOUT = 4.2V > VBUS, EN disable
0.5
1
1.5
A
VBAT Insert
VBAT_INSERT
VBAT = BATP-BATN
1.9
2
2.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com