Electronic Components Datasheet Search
  English  ▼

X  

RT9750 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9750
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9750 Datasheet HTML 4Page - Richtek Technology Corporation RT9750 Datasheet HTML 5Page - Richtek Technology Corporation RT9750 Datasheet HTML 6Page - Richtek Technology Corporation RT9750 Datasheet HTML 7Page - Richtek Technology Corporation RT9750 Datasheet HTML 8Page - Richtek Technology Corporation RT9750 Datasheet HTML 9Page - Richtek Technology Corporation RT9750 Datasheet HTML 10Page - Richtek Technology Corporation RT9750 Datasheet HTML 11Page - Richtek Technology Corporation RT9750 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
RT9750
8
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
VBAT ADC vs. Temperature
4.36
4.37
4.38
4.39
4.40
4.41
4.42
4.43
4.44
-20-5
10
2540
5570
Temperature (°C)
VOUT ADC vs. Temperature
4.36
4.37
4.38
4.39
4.40
4.41
4.42
4.43
4.44
-20-5
10
2540
5570
Temperature (°C)
Battery Quiescent vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VBAT REG vs. Temperature
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
4.55
-40
-25
-10
5
20
35
50
65
80
Temperature (°C)
IBUS vs. Temperature
2.00
2.02
2.04
2.06
2.08
-40
-20
0
2040
6080
Temperature (°C)
VBAT = 4.4V
VOUT = 4.4V
VBAT = 4.2V
VOUT REG vs. Temperature
4.15
4.20
4.25
4.30
4.35
4.40
4.45
4.50
4.55
-40
-25
-10
5
20
35
50
65
80
Temperature (°C)
4.2V
4.35V
4.5V
4.2V
4.35V
4.5V
VBUS = 5V, IBUS_REG = 2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com