Electronic Components Datasheet Search
  English  ▼

X  

RT9750 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9750
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9750 Datasheet HTML 1Page - Richtek Technology Corporation RT9750 Datasheet HTML 2Page - Richtek Technology Corporation RT9750 Datasheet HTML 3Page - Richtek Technology Corporation RT9750 Datasheet HTML 4Page - Richtek Technology Corporation RT9750 Datasheet HTML 5Page - Richtek Technology Corporation RT9750 Datasheet HTML 6Page - Richtek Technology Corporation RT9750 Datasheet HTML 7Page - Richtek Technology Corporation RT9750 Datasheet HTML 8Page - Richtek Technology Corporation RT9750 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
RT9750
3
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
I/O
Pin Function
A1, A2
NC
NC
No internal connection.
A6, B6, C6, D6, E6,
F6, G6
VBUS
P
DC input power supply.
A5, B5, C5, D5, E5,
F5, G5
PMID
NC
Connect these pin together and do not connect to power input or
ground.
A3, B3, C3, D3, E3,
F3, G3, A4, B4, C4,
D4, E4, F4, G4
VOUT
P
Battery connection point to positive terminal of the battery pack.
E1, E2, F1, F2
GND
P
Ground.
G1
BATN
AI
Negative input for battery current sensing by 1k
. Connect to negative
terminal of battery pack.
G2
BATP
AI
Positive input for battery voltage sensing by 1k
. Connect to positive
terminal of battery pack.
B2
TSVBUS
AI
VBUS temperature qualification voltage input. Require an external
resistor divider and a voltage reference.
D1
TSBAT
AI
Battery temperature qualification voltage input. Require an external
resistor divider and a voltage reference.
C1
SDA
DI
I2C interface data. Connect to pull-up voltage via 10k
 pull-up resistor.
B1
SCL
DIO I2C interface clock. Connect to pull-up voltage via 10k
 pull-up resistor.
D2
EN
DI
Device enable control pin. Pull low to disable device. I2C not available
when disabled.
C2
INT
DO
Open drain interrupt output. connect to pull-up voltage via 10k
 pull-up
resistor. Normally high, the INT pin sends an active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com