Electronic Components Datasheet Search
  English  ▼

X  

RT9750WSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 6Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RT9750
10
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Device Power On
The internal bias circuit (VDDA) are powered from higher
of two voltages between VBUS and VOUT. The device will
powered on when the VDDA is higher than VDDA UVLO
threshold and EN pin is higher than VIH_EN. In VBUS >
VDDA UVLO & EN pin from low logic to high logic
condition, the device need maximum 500
μs turn on delay
time after EN pin set to high logic.
Smart Load Switch
The RT9750 is a 8m
Ω RON and loading can up to 6-A
smart load switch battery charger. The load switch can
be controlled by the host via I2C. The load switch can be
turn on by set CHG_EN bit to “1” (0x06 bit4) if no
protection event happened (Please check 0X03 & 0X04).
The load switch can be turn off by set CHG_EN bit to “0”
or pull EN pin to low. If the protection event happen the
load switch will be turn off automatically and set CHG_EN
bit to “0” The smart load switch also implement soft-on
& soft off to function minimize the inrush current and
voltage spike.
8-Channel 12-bit Analog to Digital Converter
The device integrate 8-Cannel 12 bit ADC function, user
can monitor voltage of VBUS, VOUT, VDROP (voltage
different between VBUS and VOUT), and VBAT. The user
also can monitor the internal junction temperature, battery
temperature (by external resistor divider and NTC
thermistor), and VBUS temperature (by external resistor
divider and NTC thermistor). The ADC function also provide
IBUS information for user to monitor.
User can set ADC_EN (0x07 bit3) bit to enable or disable
ADC conversion. User also can enable or disable ADC
channels respective by using register 0x07 and 0x08. The
ADC has two conversion rate 1- shot mode and continuous
mode. User can select the mode by ADC_RATE bit (0X07
bit2).
1. 1-shot mode
In this mode, user need to set ADC_EN bit to 1 to start
ADC conversion. The ADC_EN bit will change to 0
automatically after ADC start conversion. After the ADC
conversion complete, the ADC_DONE bit (0x04 bit6) will
change to 1 and INT pin will pull low if the
ADC_DONE_MASK bit is no mask. The typical conversion
time of one channel is 100
μs (16 averages).
2. Continuous mode
In continuous mode, ADC conversion continuously if user
set ADC_EN bit to 1 and ADC stop conversion if user set
ADC_EN bit to 0.
User can set the ADC_AVG_EN bit to enable or disable
ADC measurement averaging function in both 1-shot mode
and continuous mode. If ADC_AVG_EN = 0 the ADC is
instantaneous measurement. IfADC_AVG_EN= 1 the ADC
is averaging measurement and user can set the number
of samples by ADC_SAMPLES bit.
Linear Regulation Mode (LDO)
The load switch implement LDO mode to regulate VOUT
voltage, battery voltage and input current. If an event that
VOUT_REG, VBAT_REG or IBUS_REG threshold is
exceeded, the load switch act as LDO and will regulate
VOUT, VBAT, IBUS (depending upon which threshold is
exceeded). These regulations threshold can be selected
by I2C.
Protection Features
The load switch implement 5 way hardware protection
and 2 temperature protection as below. All these protection
functions have IRQ and active with INT pin to inform host
to monitor which protection is active.
1. VBUS Over-Voltage Protection (VBUS_OVP)
When VBUS_OVP event is happened the device will turn
off load switch and the CHG_EN bit will be set to 0. User
can enable or disable this protection function by I2C 0x06
bit 7. The protection threshold and deglitch time also can
be selected by I2C (Protection threshold is 0x0A, deglitch
time is 0x09 bit0).
2. VBUS Over-Temperature Protection (TSVBUS_OTP)
As below picture, user need to place an external NTC
voltage dived circuit at TSBUS pin. When the voltage of
TSBUS pin is over the threshold, the device will turn off
load switch and set CHG_EN bit to 0. User can enable or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com