Electronic Components Datasheet Search
  English  ▼

X  

RT9750WSC Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 22Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 23Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 24Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 25Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 26Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 27Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 28Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 29Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 30Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
RT9750
27
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Name
Function
Addr
Reset
TDIE_ADC1
TDIE_ADC1
0x23
0x00
Bit
Mode
Name
Reset Value
Description
[7:0]
R
TDIE_ADC1<7:0>
00000000
TDIE_ADC1
LSB : 1°C
LSB<7:0> : 128, 64, 32, 16, 8, 4, 2, 1
 
Name
Function
Addr
Reset
EVENT_STATUS_1
STATUS_1
0x24
0x00
Bit
Mode
Name
Reset Value
Description
7
R
VBUS_OVP_STATUS
0
VBUS over-voltage fault. This bit is set
when the VBUS voltage exceeds the limit
set in VBUS_OVP register.
0 – no fault (default)
1 – VBUS OVP fault
6
R
IBUS_REG_STATUS
0
Indicates if in LDO mode due to IBUS
regulation threshold.
0 – no fault (default)
1 – IBUS in regulation
5
R
VBAT_REG_STATUS
0
Indicates if in LDO mode due to VBAT
regulation threshold.
0 – no in regulation (default)
1 – VBAT in regulation
4
R
Reserved
0
Reserved
3
R
VOUT_REG_STATUS
0
Indicates if in LDO mode due to VOUT
regulation threshold.
0 – not in regulation (default)
1 – VOUT in regulation
2
R
TBUS_OTP_STATUS
0
"VBUS over-temperature fault. This bit is
set when the TS_BUS voltage exceeds the
limit set in TBUS_OTP register.
0 – no fault (default)
1 – VBUS over-temperature fault"
1
R
TBAT_OTP_STATUS
0
"BAT over-temperature fault. This bit is set
when the TS_BAT voltage exceeds the
limit set in TBAT_OTP register.
0 – no fault (default)
1 – BAT over-temperature fault"
0
R
IBUS_IREV_STATUS
0
"IBUS reverse current fault. This bit is set
when current from BAT to VBUS is
detected. The battery switch will be
disabled when reverse current is detected.
0 – no fault (default)
1 – IBUS reverse current fault"
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com