Electronic Components Datasheet Search
  English  ▼

X  

MICRF104 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF104
Description  1.8V, QwikRadio??UHF ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF104 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF104 Datasheet HTML 2Page - Micrel Semiconductor MICRF104 Datasheet HTML 3Page - Micrel Semiconductor MICRF104 Datasheet HTML 4Page - Micrel Semiconductor MICRF104 Datasheet HTML 5Page - Micrel Semiconductor MICRF104 Datasheet HTML 6Page - Micrel Semiconductor MICRF104 Datasheet HTML 7Page - Micrel Semiconductor MICRF104 Datasheet HTML 8Page - Micrel Semiconductor MICRF104 Datasheet HTML 9Page - Micrel Semiconductor MICRF104 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
November 8, 2001
9
MICRF104
MICRF104
Micrel
L = 45.1nH
The value of the capacitor is calculated as 5.66pF.
Supply Bypassing
Correct supply bypassing is essential. A 4.7uF capacitor in
parallel with a 100pF capacitor is required and an additional
0.1
µF capacitor in parallel is recommended.
The MICRF104 is susceptible to supply-line ripple, if supply
regulation is poor or bypassing is inadequate, spurs will be
evident in the transmit spectrum.
Transmit Power
The transmit power specified in this datasheet is normalized
to a 50Ohm load. The antenna efficiency will determine the
actual radiated power. Good antenna design will yield trans-
mit power in the range of 67dB
µV/m to 80dBµV/m at 3 meters.
The PC pin on the MICRF104 is used to set the transmit
power. The differential voltage on the output of the PA (power
amplifier) is proportional to the voltage at the PC pin.
If the PC pin voltage rises above 0.4 V the output power
becomes current limited. At this point, further increase in the
PC pin voltage will not increase the RF output power in the
antenna pins. Low power consumption is achieved by de-
creasing the voltage in the PC pin, also reducing the RF
output power and maximum range.
Output Blanking
When the device is first powered up or after a momentary loss
of power the output is automatically blanked (disabled). This
feature ensures RF transmission only occurs under con-
trolled conditions when the synthesizer is fully operational,
preventing unintentional transmission at an undesired fre-
quency. Output blanking is key to guaranteeing compliance
with UHF regulations by ensuring transmission only occurs in
the intended frequency band.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com