Electronic Components Datasheet Search
  English  ▼

X  

MICRF104 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF104
Description  1.8V, QwikRadio??UHF ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF104 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF104 Datasheet HTML 1Page - Micrel Semiconductor MICRF104 Datasheet HTML 2Page - Micrel Semiconductor MICRF104 Datasheet HTML 3Page - Micrel Semiconductor MICRF104 Datasheet HTML 4Page - Micrel Semiconductor MICRF104 Datasheet HTML 5Page - Micrel Semiconductor MICRF104 Datasheet HTML 6Page - Micrel Semiconductor MICRF104 Datasheet HTML 7Page - Micrel Semiconductor MICRF104 Datasheet HTML 8Page - Micrel Semiconductor MICRF104 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 8, 2001
1
MICRF104
MICRF104
Micrel
MICRF104
1.8V, QwikRadio™ UHF ASK Transmitter
Final Information
General Description
The MICRF104 is a low voltage Transmitter IC for remote
wireless applications. The device employs Micrel’s latest
QwikRadio™ technology.
This device is a true “data-in,
antenna-out” device. All antenna tuning is accomplished
automatically within the IC which eliminates manual tuning,
and reduces production costs. The result is a highly reliable
yet extremely low cost solution for high volume wireless
applications. The MICRF104 incorporates a DC/DC con-
verter to boost the input voltage up to 5V for the RF portion of
the IC. This feature enables the MICRF104 to operate off
supply voltages as low as 1.8V and transmit at power in
excess of –2dBm.
The MICRF104 uses a novel architecture where the external
loop antenna is tuned to the internal UHF synthesizer. This
transmitter is designed to comply worldwide UHF unlicensed
band intentional radiator regulations. The IC is compatible
with virtually all ASK/OOK (Amplitude Shift Keying/On-Off
Keyed) UHF receiver types from wide-band super-regenera-
tive radios to narrow-band, high performance super-hetero-
dyne receivers. The transmitter is designed to work with
transmitter data rates from 100 to 20k bits per second.
The automatic tuning in conjunction with the external resistor,
insures that the transmitter output power stays constant for
the life of the battery.
When coupled with Micrel’s family of QwikRadio™ receivers,
the MICRF104 provides the lowest cost and most reliable
remote actuator and RF link system available.
Typical Application
VDDPWR
VSS
REFOSC
VSS
5V
EN
MICRF104
DATA IN
0.1
µF 100pF 10µF
10
µF
L1
22
µH
8
9
10
11
12
13
14
1
2
3
4
5
6
7
VSS
SW
PC
RFSTBY
VDDRF
ASK
ANTM
ANTP
Power
Control
RF Standby
1.8V to 4V
Supply
LOOP
ANTENNA
(PCB TRACE)
Figure 1
Features
• Complete UHF transmitter on a chip
• Frequency range 300MHz to 470MHz
• Data rates to 20kbps
• Automatic antenna alignment, no manual adjustment
• Low external part count
Applications
• Remote Keyless Entry Systems (RKE)
• Remote Fan/Light Control
• Garage Door Opener Transmitters
• Remote Sensor Data Links
Ordering Information
Part Number
Temperature Range
Package
MICRF104BM
0
°C to +85°C
14-Pin SOIC
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
QwikRadio is a trademark of Micrel, Inc. The QwikRadio ICs were developed under a partnership agreement with AIT of orlando, Florida


Similar Part No. - MICRF104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102 MICREL-MICRF102 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102YM MICREL-MICRF102YM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results

Similar Description - MICRF104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
UHF ASK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
UHF ASK/FSK TRANSMITTER
logo
Micrel Semiconductor
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
UHF ASK Transmitter
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com