Electronic Components Datasheet Search
  English  ▼

X  

MICRF104 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF104
Description  1.8V, QwikRadio??UHF ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF104 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF104 Datasheet HTML 1Page - Micrel Semiconductor MICRF104 Datasheet HTML 2Page - Micrel Semiconductor MICRF104 Datasheet HTML 3Page - Micrel Semiconductor MICRF104 Datasheet HTML 4Page - Micrel Semiconductor MICRF104 Datasheet HTML 5Page - Micrel Semiconductor MICRF104 Datasheet HTML 6Page - Micrel Semiconductor MICRF104 Datasheet HTML 7Page - Micrel Semiconductor MICRF104 Datasheet HTML 8Page - Micrel Semiconductor MICRF104 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MICRF104
Micrel
MICRF104
4
November 8, 2001
Parameter
Condition
Min
Typ
Max
Units
Digital / Control Section
Calibration time
Note 8, ASK=HIGH
25
ms
Power amplifier output hold off
Note 9, STDBY transition from LOW to HIGH
6
ms
time from STBY
Crystal, ESR < 20
Ω
Transmitter Stabilization Time
From External Reference (500mVpp)
10
ms
From STBY
Crystal, ESR < 20
Ω
19
ms
Maximum Data rate
- ASK modulation
Duty cycle of the modulating signal = 50%
20
kbits/s
V
RFSTBY Enable Voltage
0.75V
DDRF 0.6VDDRF
V
STBY Sink Current
5
6.5
µA
V
EN Enable Voltage
High
0.95V
DDPWR
V
Low
0.3
V
EN pin current
–10
10
µA
ASK pin
V
IH, input high voltage
0.8V
DDRF
V
V
IL, input low voltage
0.2V
DDRF
V
ASK input current
ASK = 0V, 5.0V input current
–10
0.1
10
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Supply current and output power are a function of the voltage input on the PC (power control) pin. All specifications in the Electrical Charac-
teristics table applies for condition V
PC = 350mV. Increasing the voltage on the PC pin will increase transmit power and also increase MARK
supply current. Refer to the graphs "Output Power Versus PC Pin Voltage" and "Mark Current Versus PC Pin Voltage."
Note 5.
Output power specified into a 50
Ω equivalent load using the test circuit in Figure 5.
Note 6.
Transmitted power measured 3 meters from the antenna using transmitter board TX102-2A in Figure 6.
Note 7.
The Varactor capacitance tuning range indicates the allowable external antenna component variation to maintain tune over normal production
tolerances of external components. Guaranteed by design not tested in production.
Note 8.
When the device is first powered up or it loses power momentarily, it goes into the calibration mode to tune up the transmit antenna.
Note 9.
After the release of the STDBY, the device requires an initialization time to settle the REFOSC and the internal PLL. The first MARK state
(ASK HIGH) after exit from STDBY needs to be longer than the initialization time. The subsequent low to high transitions will be treated as
data modulation whereby the envelope transition time will apply.
Note 10. The MICRF102 was tested to be Compliant to Part 15.231 for maximum allowable TX power, when operated in accordance with a loop
antenna described in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com