Electronic Components Datasheet Search
  English  ▼

X  

RT4531WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4531WSC
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4531WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
RT4531
DS4531-01
July 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Duty Cycle
DMAX
90
95
--
%
Back Light N-MOSFET Ron
RDS(ON)_BLN
100
270
400
m
Back Light Current Limit
ILIM_BL
After 5ms in soft-start
1.15
1.5
1.85
A
Back Light Over Voltage
Protection
VBLOVP
Close loop, VIN = 3.6V
35.5
36.5
37.5
V
IFBx Pin Over Voltage
Threshold
VIFBXOVP
Measure on IFBx pin
--
5
--
V
Logic Control
One Wire Detection Delay
tes_delay
Measure from En low to high
300
--
--
s
One Wire Detection Time
tes_det
En pin low time in detection
window
400
--
--
s
One Wire Detection Window
tes_win
Measure from En low to high,
Fblosc = 1MHz
--
1
--
ms
Start Time of Program
Stream
tstart
3
--
--
s
End Time of Program
Stream
tEOS
3
--
--
s
High Time Low Bit
tH_LB
Logic 0
2
--
180
s
Low Time Low Bit
tL_LB
Logic 0
2 x
tH_LB
--
360
s
High Time High Bit
tH_HB
Logic 1
2 x
tL_HB
--
360
s
Low Time High Bit
tL_HB
Logic 1
2
--
180
s
EN Input
Voltage
Logic-Low
VEN_L
--
--
0.4
V
Logic-High
VEN_H
1.4
--
--
PWM Input
Voltage
Logic-Low
VPWM_L
--
--
0.4
V
Logic-High
VPWM_H
1.4
--
--
EN Pull Low Resistor
REN
280
400
520
k
PWM Pull Low Resistor
RPWM
280
400
520
k
PWM Logic Low Width to
Shutdown
TSD_PWM
PWM pin high to low, then
shutdown
20
--
--
ms
EN Logic Low Width to
Shutdown
TDS_EN
EN pin high to low, then
shutdown
2.5
--
--
ms
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com