Electronic Components Datasheet Search
  English  ▼

X  

RT4531WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4531WSC
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4531WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
RT4531
www.richtek.com
DS4531-01
July 2016
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Register Program
1-Wire Interface (Device Address 0x2F)
Register Map
Bit
Label
Reset
Description
D16
Ramp Up<2>
0
[000] = 4
s, [001] = 8s, [010] = 16s,[011] = 64s, [100] = 256s,
[101] = 1.024ms, [110] = 2.048ms, [111] = 4.096ms
D15
Ramp Up<1>
0
D14
Ramp Up<0>
1
D13
Ramp Down<2>
0
[000] = 4
s, [001] = 8s, [010] = 16s, [011] = 64s, [100] = 256s,
[101] = 1.024ms, [110] = 2.048ms, [111] = 4.096ms
D12
Ramp Down<1>
0
D11
Ramp Down<0>
1
D10
ILED<9>
0
MSB = sDAC<9>
D9
ILED<8>
0
sDAC<8>
D8
ILED<7>
0
sDAC<7>
D7
ILED<6>
0
sDAC<6>
D6
ILED<5>
0
sDAC<5>
D5
ILED<4>
0
sDAC<4>
D4
ILED<3>
0
sDAC<3>
D3
ILED<2>
0
sDAC<2>
D2
ILED<1>
0
sDAC<1>
D1
ILED<0>
0
LSB = sDAC<0>
 
Start
Addr
8
Addr
7
Addr
6
Addr
5
Addr
4
Addr
3
Addr
2
Addr
1
D9
D8
D7
D6
D5
D4
D3
D2
D1 EOS
Data1
Address
MSB
LSB
MSB
LSB
D10
D12 D11
MSB
D13
Data2
LSB
D15 D14
D16
MSB
LSB
Data3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com