Electronic Components Datasheet Search
  English  ▼

X  

RT4531WSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4531WSC
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531WSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4531WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4531WSC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
RT4531
www.richtek.com
DS4531-01
July 2016
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
LED Current Setting
The dual channels of the RT4531 can provide up to 20 mA
current each.
No matter either 1-wire Brightness Dimming or PWM
Brightness Dimming is selected, the full-scale current
(current when dimming duty cycle is 100%) of each
channel should be programmed by an external resistor
RISET at ISET pin according to Equation 1.
ISET
FB
ISET
ISET
V
IK
R

(1)
Where :
VISET = 1V,
KISET = 1268
Brightness Control
a. 1-wire Brightness Dimming
The RT4531 is built-in a 10-bit resolution brightness
control. The EN pin features a simple 1-wire interface to
allow digital brightness control. If the 1-wire dimming is
needed, signals of a specific pattern should be input
detection window into EN pin; Otherwise, PWM pin need
to be enabled.(refer to Timing Diagram1 for Continuous
Coding).The Register Program and register map give an
overview of the protocol used by RT4531.By the 1-wire
Brightness Dimming, a master can program the 10-bit code
D1(LSB) to D10(MSB) to any of 1024 steps with a single
command. The programmed value will be stored in an
internal register and set the dual-channel current according
to Equation 2. The code will be reset to default value when
the IC is shut down or disabled.
FBX
FB
DAC code
II
1024

(2)
Where :
IFB : the full-scale LED current set by the RISET at ISET
pin.
Code : the 10-bit DAC code D1~D10 programmed by 1-
wire interface.
To enter 1-wire dimming mode, the following digital pattern
on the EN pin must be recognized by the IC when the IC
starts from the shutdown mode.
1. Pull the EN pin high to enable the RT4531 and start the
detection window for digital dimming.
2. After the digital dimming detection delay time (T
-
es_delay, >300
μs), drive the EN low for more than the
detection time (T
-es_det, >400μs).
3. Pull the EN pin high after the detection time (>400
μs)
and before the detection window (Tes_win, <1.23ms), once
the above 3 conditions are met, the IC immediately enters
the 1-wire dimming mode. The digital dimming
communication can start before the detection window
expires. Once the dimming mode is selected, it cannot
be changed without another start up. This means the IC
needs to be shut down by pulling the EN low for 2.5ms
and restarts. See the dimming mode detection and soft-
start for a graphical explanation. (see Timing Diagram1 for
1-wire Continuous Coding).
Figure 1. RT4531 1-wire Dimming Typical Application
SW
ISET
GND
RT4531
VIN
EN
1µF
L1
4.7µH
1µF / 50V
VIN
IFB1
C3
C2
R2
2P10S
WLEDs
2.5V to 5.5V
IFB2
PWM
AGND
R1
10
1µF
C1
63.4k
1-wire interface
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com