Electronic Components Datasheet Search
  English  ▼

X  

32TSOP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 32TSOP
Description  PACKAGE RELIABILITY REPORT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

32TSOP Datasheet(HTML) 1 Page - Maxim Integrated Products

  32TSOP Datasheet HTML 1Page - Maxim Integrated Products 32TSOP Datasheet HTML 2Page - Maxim Integrated Products 32TSOP Datasheet HTML 3Page - Maxim Integrated Products 32TSOP Datasheet HTML 4Page - Maxim Integrated Products 32TSOP Datasheet HTML 5Page - Maxim Integrated Products 32TSOP Datasheet HTML 6Page - Maxim Integrated Products 32TSOP Datasheet HTML 7Page - Maxim Integrated Products 32TSOP Datasheet HTML 8Page - Maxim Integrated Products 32TSOP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
10/29/2004
PACKAGE RELIABILITY REPORT
FOR
32 TSOP 8mm
Dallas Semiconductor
4401 South Beltwood Parkway
Dallas, TX 75244-3292
Prepared by:
Ken Wendel
Reliability Engineering Manager
Dallas Semiconductor
4401 South Beltwood Pkwy.
Dallas, TX 75244-3292
Email : ken.wendel@dalsemi.com
ph: 972-371-3726
fax: 972-371-6016
mbl: 214-435-6610


Similar Part No. - 32TSOP

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
32T4/27 SATCO-32T4/27 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
32T4/41 SATCO-32T4/41 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
32T4/41 SATCO-32T4/41 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 85 CRI; Mogul base; 277 volts
32T4/41 SATCO-32T4/41 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 4100K; 85 CRI; Medium base; 277 volts
32T4/50 SATCO-32T4/50 Datasheet
125Kb / 1P
32 watt; Hi-Pro Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 32TSOP

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7720AC NEC-UPD7720AC Datasheet
59Kb / 12P
QUARTERLY MICROPROCESSOR/MICROCOMPUTER RELIABILITY REPORT
logo
Stanford Microdevices
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
Reliability Qualification Report
logo
Maxim Integrated Produc...
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
dallas semiconductor reliability report
logo
Maxim Integrated Produc...
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
MAX5026EUT MAXIM-MAX5026EUT Datasheet
93Kb / 8P
RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES
Rev. A March 12, 2003
DS1249W MAXIM-DS1249W Datasheet
16Kb / 6P
module device DS1249W RELIABILITY REPORT
09/13/2004
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com