Electronic Components Datasheet Search
  English  ▼

X  

32TSOP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # 32TSOP
Description  PACKAGE RELIABILITY REPORT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

32TSOP Datasheet(HTML) 5 Page - Maxim Integrated Products

  32TSOP Datasheet HTML 1Page - Maxim Integrated Products 32TSOP Datasheet HTML 2Page - Maxim Integrated Products 32TSOP Datasheet HTML 3Page - Maxim Integrated Products 32TSOP Datasheet HTML 4Page - Maxim Integrated Products 32TSOP Datasheet HTML 5Page - Maxim Integrated Products 32TSOP Datasheet HTML 6Page - Maxim Integrated Products 32TSOP Datasheet HTML 7Page - Maxim Integrated Products 32TSOP Datasheet HTML 8Page - Maxim Integrated Products 32TSOP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1000
125C, 6.0 VOLTS
116
0
HIGH VOLTAGE LIFE
HRS
0038
1000
125C, 6.0 VOLTS
77
0
HIGH VOLTAGE LIFE
HRS
0303
0
Total:
PACKAGE TESTS
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
MIL-STD-883-2003
3
0
SOLDERABILITY
0038
MIL-STD-883-2012 : TOP & SIDE VIEW
6
0
X-RAY
0038
MIL-STD-883-2016
6
0
PHYSICAL DIMENSIONS
MIL-STD-883-2015
6
0
MARK PERMANENCY
MIL-STD-883-2004 : COND B2
6
0
LEAD INTEGRITY
0
Total:
PRECONDITIONING LEVEL 3
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
24
125C
315
STORAGE LIFE
HRS
0038
240
30C/60% R.H.
315
MOISTURE SOAK
HRS
3
235C +5/-0C
315
0
CONVECTION REFLOW
PASS
0
Total:
TEMPERATURE CYCLE
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
1000
-55C TO 125C
77
0
TEMP CYCLE
CYS
0038
0
Total:
TEMPERATURE HUMIDITY BIAS
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
100
130C, 85%R.H.,5.5V
77
0
HAST
HRS
0038
0
Total:
UNBIASED MOISTURE RESISTANCE
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
200
130C, 85% R.H.
45
0
HAST, NO BIAS
HRS
0038
0
Total:
Assembly Site:
ATP (Amkor, PI)
Body Size:
8x13.4x0.965
Pin Count:
28
Package Type:
TSOP
Lead Frame:
Stamped Copper C7025
Assembly Information:
Lead Finsh:
SnPb Plate
Mold Compound:
Sumitomo 7351T
Die Attach:
8361J Epoxy Silverfilled Ablebond
Bond Wire / Size:
Au / 1.0 mil
Moisture Sensitivity
(JEDEC J-STD20A)
Level 3
Flammability:
UL 94-V0
9924
9921
to
Date Code Range:
Theta JA:
Theta JC:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com