Electronic Components Datasheet Search
  English  ▼

X  

32TSOP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 32TSOP
Description  PACKAGE RELIABILITY REPORT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

32TSOP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 32TSOP Datasheet HTML 3Page - Maxim Integrated Products 32TSOP Datasheet HTML 4Page - Maxim Integrated Products 32TSOP Datasheet HTML 5Page - Maxim Integrated Products 32TSOP Datasheet HTML 6Page - Maxim Integrated Products 32TSOP Datasheet HTML 7Page - Maxim Integrated Products 32TSOP Datasheet HTML 8Page - Maxim Integrated Products 32TSOP Datasheet HTML 9Page - Maxim Integrated Products 32TSOP Datasheet HTML 10Page - Maxim Integrated Products 32TSOP Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
0
Total:
UNBIASED MOISTURE RESISTANCE
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
200
130C, 85% R.H.
44
0
HAST, NO BIAS
HRS
0145
200
130C, 85% R.H.
74
0
HAST, NO BIAS
HRS
0146
200
130C, 85% R.H.
73
0
HAST, NO BIAS
HRS
0147
0
Total:
FITS:
3.0
MTTF (YRS): 37651
FAILURE RATE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com