Electronic Components Datasheet Search
  English  ▼

X  

695D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 695D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

695D Datasheet(HTML) 1 Page - Vishay Siliconix

  695D Datasheet HTML 1Page - Vishay Siliconix 695D Datasheet HTML 2Page - Vishay Siliconix 695D Datasheet HTML 3Page - Vishay Siliconix 695D Datasheet HTML 4Page - Vishay Siliconix 695D Datasheet HTML 5Page - Vishay Siliconix 695D Datasheet HTML 6Page - Vishay Siliconix 695D Datasheet HTML 7Page - Vishay Siliconix 695D Datasheet HTML 8Page - Vishay Siliconix 695D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.vishay.com
127
695D
Vishay Sprague
Document Number 40038
Revision 15-Feb-05
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Conformal Coated
FEATURES
• Pad compatible with 194D and MIL-C-556365/4 (CWR06).
• 8mm, 12mm 16mm Tape to EIA-481-2 and reeling per IEC
286-3. 7" [178mm] standard. 13" [330mm] available.
• Terminations: Tin (2) standard.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Range: .10µF to 270µF
CASE
CODE
A
B
D
E
F
G
H
DIMENSIONS
in inches [millimeters]
J
W
Tantalum Wire Nib
Identifies Anode (+)
Terminal
J
H
A
L
B
D
L (Max.)
0.135
[3.4]
0.185
[4.7]
0.185
[4.7]
0.235
[6.0]
0.255
[6.5]
0.300
[7.6]
0.303
[7.7]
W
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.095 ± 0.015
[2.41 ± 0.38]
0.095 ± 0.015
[2.41 ± 0.38]
0.135 ± 0.015
[3.43 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
H
0.050 ± .015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.038]
0.050 ± 0.015
[1.27 ± 0.38]
0.070 ± 0.015
[1.78 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
A
0.023 ± 0.010
[0.584 ± 0.25]
0.040 ± 0.015
[1.02 ± 0.38]
0.040 ± 0.015
[1.02 ± 0.38]
0.040 ± 0.015
[1.02 ± 0.38]
0.040 ± 0.015
[1.02 ± 0.38]
0.040 ± 0.015
[1.02 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
B
0.067 ± 0.015
[1.70 ± 0.38]
0.120 ± 0.015
[3.05 ± 0.38]
0.110 ± 0.020
[2.79 ± 0.51]
0.170 ± 0.020
[4.32 ± 0.51]
0.185 ± 0.020
[4.70 ± 0.51]
0.220 ± 0.020
[5.59 ± 0.51]
0.220 ± 0.020
[5.59 ± 0.51]
D (Ref.)
0.100
[2.54]
0.150
[3.81]
0.140
[3.56]
0.200
[5.08]
0.220
[5.59]
0.260
[6.60]
0.265
[6.73]
J (Max.)
0.004
[0.10]
0.004
[0.10]
0.004
[0.10]
0.004
[0.10]
0.004
[0.10]
0.004
[0.10]
0.004
[0.10]
Note: The anode termination (D less B) will be a minimum of 0.010" [0.3mm]. T Case = 0.005" [0.13mm] minimum.
ORDERING INFORMATION
T = Tape and Reel
7" [178mm] Reel
W = 13" [330mm] Reel
(1/2 reel minimum)
See Tape and Reel Specifications
T
PACKAGING
2 = 100% Tin.
4 = Gold Plated.
8 = Solder Plated
(60/40) Special
Order.
2
TERMINATION
See Ratings
and Case
Codes Table.
A
CASE CODE
004
DC VOLTAGE RATING
@ + 85°C
This is expressed in volts.
To complete the three-
digit block, zeros precede
the voltage rating.
X0
CAPACITANCE
TOLERANCE
This is expressed in picofarads.
The first two digits are the
significant figures. The third is the
number of zeros to follow.
475
CAPACITANCE
X0 =
± 20%
X9 = ± 10%
695D
TYPE
NOTE: Preferred Tolerances and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating.
Capacitance Tolerance: ±10%, ±20% standard.
Voltage Rating: 4 WVDC to 50 WVDC.


Similar Part No. - 695D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
695D VISHAY-695D Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D VISHAY-695D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
695D104X0050A2 VISHAY-695D104X0050A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D104X9050A2 VISHAY-695D104X9050A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
695D105X0020A2 VISHAY-695D105X0020A2 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
More results

Similar Description - 695D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D VISHAY-195D Datasheet
125Kb / 1P
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
16-May-06
195D VISHAY-195D_08 Datasheet
118Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
05-May-08
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
28-Jun-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
19-Aug-13
194D VISHAY-194D_17 Datasheet
309Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
195D VISHAY-195D_17 Datasheet
337Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com