Electronic Components Datasheet Search
  English  ▼

X  

695D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 695D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

695D Datasheet(HTML) 5 Page - Vishay Siliconix

  695D Datasheet HTML 1Page - Vishay Siliconix 695D Datasheet HTML 2Page - Vishay Siliconix 695D Datasheet HTML 3Page - Vishay Siliconix 695D Datasheet HTML 4Page - Vishay Siliconix 695D Datasheet HTML 5Page - Vishay Siliconix 695D Datasheet HTML 6Page - Vishay Siliconix 695D Datasheet HTML 7Page - Vishay Siliconix 695D Datasheet HTML 8Page - Vishay Siliconix 695D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.vishay.com
131
695D
Vishay Sprague
Document Number 40038
Revision 15-Feb-05
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES @ + 25°C, IMPEDANCE AND ESR VS FREQUENCY
IMPEDANCE
ESR
IMPEDANCE
ESR
IMPEDANCE
ESR
IMPEDANCE
ESR
.15
µF, 50 VDC
3.3
µF, 50 VDC
6.8
µF, 5 VDC
.33
µF, 50 VDC
1.5
µF, 50 VDC
22
µF, 10 VDC
1
µF, 50 VDC
22
µF, 6 VDC
100
1K
10K
100K
1M
100
1K
10K
100K
1M
100
1K
10K
100K
1M
100
1K
10K
100K
1M
10000
1000
100
10
1
10000
1000
100
10
1
1000
100
10
1
0.1
100
10
1
0.1
IMPEDANCE
ESR
IMPEDANCE
ESR
IMPEDANCE
ESR
4.7
µF, 35 VDC
33
µF, 10 VDC
4.7
µF, 50 VDC
100
µF, 10 VDC
6.8
µF, 50 VDC
220
µF, 6 VDC
100
1K
10K
100K
1M
100
1K
10K
100K
1M
100
1K
10K
100K
1M
10
1
0.1
0.01
100
10
1
0.1
0.01
100
10
1
0.1
0.01
100
1000
“A CASE”
“B CASE”
“E CASE”
“D CASE”
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
“F CASE”
“G CASE”
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
“H CASE”
FREQUENCY IN HERTZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com