Electronic Components Datasheet Search
  English  ▼

X  

695D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 695D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

695D Datasheet(HTML) 2 Page - Vishay Siliconix

  695D Datasheet HTML 1Page - Vishay Siliconix 695D Datasheet HTML 2Page - Vishay Siliconix 695D Datasheet HTML 3Page - Vishay Siliconix 695D Datasheet HTML 4Page - Vishay Siliconix 695D Datasheet HTML 5Page - Vishay Siliconix 695D Datasheet HTML 6Page - Vishay Siliconix 695D Datasheet HTML 7Page - Vishay Siliconix 695D Datasheet HTML 8Page - Vishay Siliconix 695D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
128
695D
Vishay Sprague
Document Number 40038
Revision 15-Feb-05
For technical questions, contact tantalum@vishay.com
µF
RATINGS AND CASE CODES
4.7
6.8
10
15
22
33
47
68
100
120
150
180
220
270
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
CAPACITANCE
(
µF)
Max. RIPPLE
100kHz
Irms
(Amps)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. DCL
@ + 25
°C
(
µA)
PART NUMBER*
STANDARD RATINGS
CASE
CODE
0.5
0.5
0.5
0.6
0.9
1.3
1.9
2.7
4.0
4.8
6.0
7.2
8.8
10.8
6
6
6
6
6
6
6
6
8
8
8
8
8
8
11
9
8.5
2.2
2
1.5
1
0.9
0.9
0.7
0.65
0.4
0.35
0.35
0.07
0.09
0.09
0.20
0.21
0.25
0.33
0.35
0.35
0.41
0.43
0.61
0.65
0.65
695D475X_004A2T
695D685X_004B2T
695D106X_004B2T
695D156X_004D2T
695D226X_004D2T
695D336X_004E2T
695D476X_004F2T
695D686X_004F2T
695D107X_004F2T
695D127X_004G2T
695D157X_004G2T
695D187X_004H2T
695D227X_004H2T
695D277X_004H2T
A
B
B
D
D
E
F
F
F
G
G
H
H
H
6 V
10 V
15 V
20 V
25 V
35 V
50 V
A
B
B
D
D
E
F
F
F
G
G
H
H
H
A
B
D
D
D
E
F
F
G
G
H
H
H
A
B
D
D
D
E
F
F
G
G
H
H
A
A
B
D
D
D
E
F
F
G
H
H
A
B
B
D
D
E
F
F
G
G
H
A
A
B
D
D
D
E
F
F
G
H
H
A
A
B
B
D
D
E
F
F
F
G
H
A
A
B
B
D
D
D
E
F
F
G
H
H
4 V
For 10% tolerance, specify "9"; for 20% tolerance, change to "0".
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
120
150
180
220
270
4.7
6.8
A
B
695D475X_006A2T
695D685X_006B2T
0.5
0.5
6
6
11
9
0.07
0.07



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com