Electronic Components Datasheet Search
  English  ▼

X  

PCI01 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # PCI01
Description  Periphelar Coupled Input NPN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI01 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button PCI01 Datasheet HTML 25Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 26Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 27Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 28Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 29Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 30Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 31Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI01 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ITALIAN TECHNOLOGY
grifo®
Pagina 23
PCI 01
Rel. 3.00
16 INPUT LINES
NPN OPTO COUPLED
ANY MOTHERBOARD TYPE WITH ABACO® BUS
POWER SUPPLY
+5Vdc only
(SPC 03.5S or SPC 512)
ALL
TYPE
CPU
FBC 20 or FBC L22 (OPTIONAL)
POWER
SUPPLY
+24 Vdc
(SPB 02.24)
20 pins Flat-cable (FLT 20+20)
20 pins Flat-cable (FLT 20+20)
16 INPUT LINES
NPN OPTO COUPLED
FIGURA 13: SCHEMA DELLE POSSIBILI CONNESSIONI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com