Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAV
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 2 Page - Texas Instruments

  DAC38RF80IAAV Datasheet HTML 1Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 2Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 3Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 155 page
background image
2
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 6
6
Pin Configuration and Functions ......................... 7
7
Specifications....................................................... 13
7.1
Absolute Maximum Ratings .................................... 13
7.2
ESD Ratings............................................................ 13
7.3
Recommended Operating Conditions ..................... 13
7.4
Thermal Information ................................................ 14
7.5
Electrical Characteristics - DC Specifications ......... 14
7.6
Electrical Characteristics - Digital Specifications .... 17
7.7
Electrical Characteristics - AC Specifications ......... 20
7.8
PLL/VCO Electrical Characteristics ........................ 23
7.9
Timing Requirements .............................................. 24
7.10
Typical Characteristics .......................................... 25
8
Detailed Description ............................................ 33
8.1
Overview ................................................................. 33
8.2
Functional Block Diagrams ..................................... 33
8.3
Feature Description................................................. 39
8.4
Device Functional Modes........................................ 75
8.5
Register Maps ........................................................ 79
9
Application and Implementation ...................... 141
9.1
Application Information.......................................... 141
9.2
Typical Application: Multi-band Radio Frequency
Transmitter ............................................................ 142
10
Power Supply Recommendations ................... 145
10.1
Power Supply Sequencing .................................. 146
11
Layout................................................................. 146
11.1
Layout Guidelines ............................................... 146
11.2
Layout Example .................................................. 149
12
Device and Documentation Support ............... 150
12.1
Related Links ...................................................... 150
12.2
Receiving Notification of Documentation
Updates.................................................................. 150
12.3
Community Resources........................................ 150
12.4
Trademarks ......................................................... 150
12.5
Electrostatic Discharge Caution .......................... 150
12.6
Glossary .............................................................. 150
13
Mechanical, Packaging, and Orderable
Information ......................................................... 150
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2017) to Revision C
Page
•
Changed the Description ........................................................................................................................................................ 1
•
Changed the Device Information table ................................................................................................................................... 1
•
Changed From: alarm_out_pol To: alm_out_pol in ALARM pin description in the Pin Functions - DAC38RF83,
DAC38RF93, DAC38RF85 table ............................................................................................................................................ 8
•
Changed the Description of pins A3, A4, A7, A6, A9, A10, A12, E12, F11, F7, G6, H5, H7, J6, J11 in the Pin
Functions - DAC38RF83, DAC38RF93, DAC38RF85 table................................................................................................... 8
•
Changed the description of TXENABLE pin in Pin Functions - DAC38RF83, DAC38RF93, DAC38RF85 table .................. 9
•
Changed From: alarm_out_pol To: alm_out_pol in ALARM pin description in the Pin Functions - DAC38RF80,
DAC38RF90, DAC38RF84 table .......................................................................................................................................... 11
•
Changed the Description of pins A3, A4, A7, A6, A9, A10, A12, D8, E8, F11, F7, G6, H5, H7, J6, J11 in the Pin
Functions - DAC38RF80, DAC38RF90, DAC38RF84 table................................................................................................. 11
•
Added description to TXENABLE pin in the Pin Functions - DAC38RF80, DAC38RF90, DAC38RF84 table..................... 12
•
Changed the MAX value of VEE18N rail in Absolute Maximum Ratings From: 0.5 V To: 0.3 V ......................................... 13
•
Added "Supply Voltage Range" to the Recommended Operating Conditions table ............................................................ 13
•
Changed DNL typical value From: ±0.5 To: ±3 LSB in the Electrical Characteristics - DC Specifications ......................... 14
•
Changed INL typical value From: ±1 To: ±4 LSB in the Electrical Characteristics - DC Specifications ............................. 14
•
Added "Reference voltage drift" to the Electrical Characteristics - DC Specifications table ................................................ 14
•
Changed the Isolation values in the TEST CONDITIONS, MIN,and MAX columns in the Electrical Characteristics -
AC Specifications table......................................................................................................................................................... 22
•
Added Isolation vs Output Frequency plot for DAC38RF80/90/84 in Figure 40 .................................................................. 30
•
Added Isolation vs Output Frequency plot for DAC38RF83/93/95 in Figure 39 .................................................................. 31
•
Changed the MPY values in Table 4.................................................................................................................................... 41
•
Added MPY value for 16.5x to Table 4 ................................................................................................................................ 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com