Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAV
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 45Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 46Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 47Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 48Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 49Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 50Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 51Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 52Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
49
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3.9 Multi-Device Synchronization
In many applications, such as multi antenna systems where the various transmit channels information is
correlated, it is required that the latency across the link is deterministic and multiple DAC devices are completely
synchronized such that their outputs are phase aligned. The DAC38RFxx achieves the deterministic latency
using SYSREF (JESD204B Subclass 1).
SYSREF is generated from the same clock domain as DACCLK. After having resynchronized its local multiframe
clock (LMFC) to SYSREF, the DAC will request a link re-initialization via SYNC interface. Processing of the
signal on the SYSREF input can be enabled and disabled via the SPI interface.
The SYSREF capture circuit and the timing requirements relative to device clock are described in SYSREF
Capture Circuit.
8.3.10 SYSREF Capture Circuit
The JESD204B standard for Device Subclass 1 introduces a SYSREF signal that can be used as a global timing
reference to align the phase of the internal local multiframe clock (LMFC) and frame clock across multiple
devices. This allows the system to achieve deterministic latency and align data samples across several data
converters. The SYSREF signal accomplishes this goal by identifying a device clock edge for each chip that can
be used as an alignment reference. In particular, the LMFC and frame clock align to the device clock edge upon
which the SYSREF transition from “0” to “1” is sampled. SYSREF may be periodic, one-shot, or “gapped”
periodic and its period must be a multiple of the LMFC period.
Figure 54. SYSREF Signal Timing
With high-speed device clocks, the phase of the SYSREF signals relative to the device clock must meet the
setup/hold time requirements of each individual device clock. Historically, this has been done by controlling the
board-level routing delay and/or employing commercial clock distribution capable of generating device clocks and
SYSREF signals with programmable delays and with the option of splitting SYSREF into multiple SYSREFS,
each with its own fine-tuned delay. Since the DAC38RFxx family supports device clock frequencies up to 9 GHz,
a SYSREF capture circuit is includes in the DAC38RFxx that allows a relaxation in meeting the device clock
setup and hold.
The SYSREF capture circuit provides:
•
tolerance to manufacturing and environmental variations in SYSREF phase
•
immunity to sampling errors due to setup/hold/meta-stability
•
information about phase of SYSREF relative to DAC clock inside the data converter
•
software compensation for phase misalignment due to PCB design errors
The concepts behind the SYSREF capture scheme are illustrated in Figure 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com