Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80IAAV Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80IAAV
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 25Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 26Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 27Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 28Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 29Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 30Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 31Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 32Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 155 page
background image
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D026
On-chip PLL
External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D026
On-chip PLL
External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D008
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D008
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D032
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D032
-12dBFS
-6dBFS
0dBFS
29
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
±250 MHz Span
DAC38RF83/93/85
Figure 25. SFDR vs Output Frequency Over Input Scale
±250 MHz Span
DAC38RF80/90/84
Figure 26. SFDR vs Output Frequency Over Input Scale
± 250 MHz Span
DAC38RF83/93/85
Figure 27. SFDR vs Output Frequency Over Output Current
IoutFS
± 250 MHz Span
DAC38RF80/90/84
Figure 28. SFDR vs Output Frequency Over Output Current
IoutFS
± 250 MHz Span
DAC38RF83/93/85
Figure 29. SFDR vs Output Frequency Over Clocking Option
± 250M Hz Span
DAC38RF80/90/84
Figure 30. SFDR vs Output Frequency Over Clocking Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com