Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 48 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 44Page - Texas Instruments DM505LRBABF Datasheet HTML 45Page - Texas Instruments DM505LRBABF Datasheet HTML 46Page - Texas Instruments DM505LRBABF Datasheet HTML 47Page - Texas Instruments DM505LRBABF Datasheet HTML 48Page - Texas Instruments DM505LRBABF Datasheet HTML 49Page - Texas Instruments DM505LRBABF Datasheet HTML 50Page - Texas Instruments DM505LRBABF Datasheet HTML 51Page - Texas Instruments DM505LRBABF Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 290 page
background image
48
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-9. EMIF Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_d27
EMIF1 Data Bus
IO
U20
ddr1_d28
EMIF1 Data Bus
IO
R22
ddr1_d29
EMIF1 Data Bus
IO
V20
ddr1_d30
EMIF1 Data Bus
IO
W22
ddr1_d31
EMIF1 Data Bus
IO
U22
ddr1_ecc_d0
EMIF1 ECC Data Bus
IO
Y11
ddr1_ecc_d1
EMIF1 ECC Data Bus
IO
AA12
ddr1_ecc_d2
EMIF1 ECC Data Bus
IO
AA11
ddr1_ecc_d3
EMIF1 ECC Data Bus
IO
Y9
ddr1_ecc_d4
EMIF1 ECC Data Bus
IO
AA13
ddr1_ecc_d5
EMIF1 ECC Data Bus
IO
AB11
ddr1_ecc_d6
EMIF1 ECC Data Bus
IO
AA9
ddr1_ecc_d7
EMIF1 ECC Data Bus
IO
AB9
ddr1_dqm0
EMIF1 Data Mask
IO
AB8
ddr1_dqm1
EMIF1 Data Mask
IO
Y18
ddr1_dqm2
EMIF1 Data Mask
IO
AB3
ddr1_dqm3
EMIF1 Data Mask
IO
W21
ddr1_dqm_ecc
EMIF1 ECC Data Mask
IO
AB13
ddr1_dqs0
Data strobe 0 input/output for byte 0 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AA5
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
AA20
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
W1
ddr1_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is output to the
EMIF1 memory when writing and input when reading.
IO
T21
ddr1_dqsn0
Data strobe 0 invert
IO
AB5
ddr1_dqsn1
Data strobe 1 invert
IO
Y20
ddr1_dqsn2
Data strobe 2 invert
IO
W2
ddr1_dqsn3
Data strobe 3 invert
IO
T22
ddr1_dqsn_ecc
EMIF1 ECC Complementary Data strobe
IO
AB10
ddr1_dqs_ecc
EMIF1 ECC Data strobe input/output. This signal is output to the EMIF1 memory when
writing and input when reading.
IO
AA10
4.3.9
GPMC
NOTE
For more information, see the Memory Subsystem / General-Purpose Memory Controller
section of the device TRM.
Table 4-10. GPMC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_ad0
GPMC Data 0 in A/D nonmultiplexed mode and additionally Address 1
in A/D multiplexed mode
IO
E8
gpmc_ad1
GPMC Data 1 in A/D nonmultiplexed mode and additionally Address 2
in A/D multiplexed mode
IO
A7
gpmc_ad2
GPMC Data 2 in A/D nonmultiplexed mode and additionally Address 3
in A/D multiplexed mode
IO
F8
gpmc_ad3
GPMC Data 3 in A/D nonmultiplexed mode and additionally Address 4
in A/D multiplexed mode
IO
B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com