Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 83 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 79Page - Texas Instruments DM505LRBABF Datasheet HTML 80Page - Texas Instruments DM505LRBABF Datasheet HTML 81Page - Texas Instruments DM505LRBABF Datasheet HTML 82Page - Texas Instruments DM505LRBABF Datasheet HTML 83Page - Texas Instruments DM505LRBABF Datasheet HTML 84Page - Texas Instruments DM505LRBABF Datasheet HTML 85Page - Texas Instruments DM505LRBABF Datasheet HTML 86Page - Texas Instruments DM505LRBABF Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 290 page
background image
83
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
ADC
OCP_CLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
ADC_CLK
Func
20
ADC_GFCLK
CORE_X2_CLK
DPLL_CORE
CSI2
SCPCLK
Int & Func
106.4
ISS_MAIN_FCLK
CORE_ISS_MAIN_
CLK
DPLL_CORE
COUNTER_32K
COUNTER_32K_F
CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
COUNTER_32K_I
CLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
CTRL_MODULE_
BANDGAP
L3INSTR_TS_GCL
K
Int
5
L3INSTR_TS_GCL
K
SYS_CLK1
OSC0
CTRL_MODULE_
CORE
L4CFG_L4_GICLK
Int
133
L4CFG_L4_GICLK
CORE_X2_CLK
DPLL_CORE
CTRL_MODULE_
WKUP
WKUPAON_GICL
K
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
DCAN1
DCAN1_FCLK
Func
20
DCAN1_SYS_CLK
SYS_CLK1
OSC0
SYS_CLK2
OSC1
DCAN1_ICLK
Int
133
WKUPAON_GICL
K
SYS_CLK1
OSC0
MCAN
MCAN_FCLK
Func
20
MCAN_CLK
SYS_CLK1
OSC0
MCAN_ICLK
Int
133
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
DLL
EMIF_DLL_FCLK
Func
266
EMIF_DLL_GCLK
EMIF_DLL_GCLK
DPLL_DDR
DSP1
DSP1_FICLK
Int & Func
DSP_CLK
DSP1_GFCLK
DSP_GFCLK
DPLL_DSP
DSP2
DSP2_FICLK
Int & Func
DSP_CLK
DSP2_GFCLK
DSP_GFCLK
DPLL_DSP
DSS
DSS_FCK_CLK
Int & Func
192
DSS_GFCLK
DSS_GFCLK
DPLL_PER
DSS_VP_CLK
Func
165
VID_PIX_CLK
VID_PIX_CLK
DPLL_EVE_VID_D
SP
DSS DISPC
DISPC_FCK_CLK
Int & Func
192
DSS_GFCLK
DSS_GFCLK
DPLL_PER
DISPC_CLK1
Int
165
VID_PIX_CLK
VID_PIX_CLK
DPLL_EVE_VID_D
SP
EFUSE_CTRL_C
UST
ocp_clk
Int
133
CUSTEFUSE_L4_
GICLK
CORE_X2_CLK
DPLL_CORE
sys_clk
Func
38.4
CUSTEFUSE_SYS
_GFCLK
SYS_CLK1
OSC0
ELM
ELM_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_OCP_FW
L3_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_CLKEN
Int
133
EMIF_L4_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_PHY
EMIF_PHY1_FCLK
Func
DDR
EMIF_PHY_GCLK
EMIF_PHY_GCLK
DPLL_DDR
EMIF
EMIF_ICLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_L3_ICLK
Int
266
L3_EOCP_GICLK
-
-
EMIF_PHY_FCLK
Func
532
EMIF_PHY_GCLK
EMIF_PHY_GCLK
DPLL_DDR
EMIF_DLL_FCLK
Int
266
EMIF_DLL_GCLK
-
DPLL_DDR
EVE
EVE_FCLK
Func
EVE_FCLK
EVE_GFCLK
EVE_GCLK
DPLL_DSP
EVE_GFCLK
DPLL_EVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com