Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 74 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 70Page - Texas Instruments DM505LRBABF Datasheet HTML 71Page - Texas Instruments DM505LRBABF Datasheet HTML 72Page - Texas Instruments DM505LRBABF Datasheet HTML 73Page - Texas Instruments DM505LRBABF Datasheet HTML 74Page - Texas Instruments DM505LRBABF Datasheet HTML 75Page - Texas Instruments DM505LRBABF Datasheet HTML 76Page - Texas Instruments DM505LRBABF Datasheet HTML 77Page - Texas Instruments DM505LRBABF Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
74
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0x15AC
CTRL_CORE_PAD_
SPI2_D0
R7
spi2_d0
uart3_rtsn
timer1
gpio4_7
sysboot7
0x15B0
CTRL_CORE_PAD_
SPI2_CS0
L2
spi2_cs0
uart3_txd
ehrpwm1B
timer4
gpio4_8
Driver off
0x15B8
CTRL_CORE_PAD_
DCAN1_RX
N6
dcan1_rx
gpio4_10
Driver off
0x15C4
CTRL_CORE_PAD_
DCAN1_TX
N5
dcan1_tx
gpio4_9
Driver off
0x15BC
CTRL_CORE_PAD_
UART1_RXD
F13
uart1_rxd
spi4_d1
qspi1_rtclk
gpmc_a12
mcan_tx
gpio4_13
Driver off
0x15C0
CTRL_CORE_PAD_
UART1_TXD
E14
uart1_txd
spi4_d0
gpmc_a13
mcan_rx
gpio4_14
Driver off
0x15C4
CTRL_CORE_PAD_
UART1_CTSN
F14
uart1_ctsn
xref_clk1
uart3_rxd
gpmc_a16
spi4_sclk
spi1_cs2
timer3
ehrpwm1_sy
nci
clkout0
vin2a_hsync
0
gpmc_a12
gpmc_clk
dcan1_tx
gpio4_15
Driver off
0x15C8
CTRL_CORE_PAD_
UART1_RTSN
C14
uart1_rtsn
uart3_txd
gpmc_a17
spi4_cs0
spi1_cs3
timer4
ehrpwm1_sy
nco
qspi1_rtclk
vin2a_vsync
0
gpmc_a13
dcan1_rx
gpio4_16
Driver off
0x15CC
CTRL_CORE_PAD_
UART2_RXD
D14
uart2_rxd
spi3_d1
timer1
ehrpwm1A
gpmc_clk
gpmc_a12
dcan1_tx
gpio4_17
Driver off
0x15D0
CTRL_CORE_PAD_
UART2_TXD
D15
uart2_txd
spi3_d0
timer2
ehrpwm1B
gpmc_a13
dcan1_rx
gpio4_18
Driver off
0x15D4
CTRL_CORE_PAD_
UART2_CTSN
F15
uart2_ctsn
xref_clk1
gpmc_a18
spi3_sclk
qspi1_cs1
timer7
vin2a_hsync
0
gpmc_clk
mcan_tx
gpio4_19
Driver off
0x15D8
CTRL_CORE_PAD_
UART2_RTSN
F16
uart2_rtsn
eCAP1_in_P
WM1_out
gpmc_a19
spi3_cs0
timer8
vin2a_vsync
0
mcan_rx
gpio4_20
Driver off
0x15DC
CTRL_CORE_PAD_
I2C1_SDA
L4
i2c1_sda
0x15E0
CTRL_CORE_PAD_
I2C1_SCL
L3
i2c1_scl
0x15E4
CTRL_CORE_PAD_
I2C2_SDA
L5
i2c2_sda
0x15E8
CTRL_CORE_PAD_
I2C2_SCL
L6
i2c2_scl
0x15EC
CTRL_CORE_PAD_
TMS
J3
tms
0x15F0
CTRL_CORE_PAD_
TDI
J1
tdi
gpio4_25
Driver off
0x15F4
CTRL_CORE_PAD_
TDO
J4
tdo
gpio4_26
Driver off
0x15F8
CTRL_CORE_PAD_
TCLK
J2
tclk
0x15FC
CTRL_CORE_PAD_
TRSTN
J5
trstn
0x1600
CTRL_CORE_PAD_
RTCK
J6
rtck
gpio4_27
Driver off
0x1604
CTRL_CORE_PAD_
EMU0
H1
emu0
gpio4_28
Driver off
0x1608
CTRL_CORE_PAD_
EMU1
H2
emu1
gpio4_29
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com