Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 127 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 123Page - Texas Instruments DM505LRBABF Datasheet HTML 124Page - Texas Instruments DM505LRBABF Datasheet HTML 125Page - Texas Instruments DM505LRBABF Datasheet HTML 126Page - Texas Instruments DM505LRBABF Datasheet HTML 127Page - Texas Instruments DM505LRBABF Datasheet HTML 128Page - Texas Instruments DM505LRBABF Datasheet HTML 129Page - Texas Instruments DM505LRBABF Datasheet HTML 130Page - Texas Instruments DM505LRBABF Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 290 page
background image
gpmc_clk
gpmc_csi
gpmc_a[2 :1]
7
gpmc_
1
ben
gpmc_ben0
gpmc_
_ale
advn
gpmc_wen
gpmc_ad[15:0]
gpmc_waitj
Address
D 0
D 1
D 2
D 3
F4
F15
F15
F15
F1
F1
F2
F6
F8
F8
F0
F3
F17
F17
F17
F9
F6
F17
F17
F17
F18
F20
F14
F14
F22
F21
GPMC_06
gpio6_16.clkout0
F23
F23
127
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-21. GPMC / Non-Multiplexed 16bits NOR Flash - Synchronous Burst Write 4x16bits -
(GpmcFCLKDivider = 0)(1)(2)
(1) In “gpmc_csi”, i = 1 to 7.
(2) In “gpmc_waitj”, j = 0 to 1.
5.9.6.6.2 GPMC/NOR Flash Interface Asynchronous Timing
Table 5-37 and Table 5-38 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-22, Figure 5-23, Figure 5-24, Figure 5-25, Figure 5-26 and
Figure 5-27).
Table 5-37. GPMC/NOR Flash Interface Timing Requirements - Asynchronous Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
FA5
tacc(DAT)
Data Maximum Access Time (GPMC_FCLK cycles)
H (1)
cycles
FA20
tacc1-pgmode(DAT)
Page Mode Successive Data Maximum Access Time (GPMC_FCLK
cycles)
P (2)
cycles
FA21
tacc2-pgmode(DAT)
Page Mode First Data Maximum Access Time (GPMC_FCLK cycles)
H (1)
cycles
-
tsu(DV-OEH)
Setup time, read gpmc_ad[15:0] valid before gpmc_oen_ren high
1.9
ns
--
th(OEH-DV)
Hold time, read gpmc_ad[15:0] valid after gpmc_oen_ren high
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com