Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 135 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 131Page - Texas Instruments DM505LRBABF Datasheet HTML 132Page - Texas Instruments DM505LRBABF Datasheet HTML 133Page - Texas Instruments DM505LRBABF Datasheet HTML 134Page - Texas Instruments DM505LRBABF Datasheet HTML 135Page - Texas Instruments DM505LRBABF Datasheet HTML 136Page - Texas Instruments DM505LRBABF Datasheet HTML 137Page - Texas Instruments DM505LRBABF Datasheet HTML 138Page - Texas Instruments DM505LRBABF Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 290 page
background image
135
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-40. GPMC/NAND Flash Interface Switching Characteristics (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
GNF2
td(CLEH-nWEV)
Delay time, gpmc_ben[1:0] high to gpmc_wen valid
C - 0.2 (3)
C + 2.0
(3)
ns
GNF3
td(nWEV-DV)
Delay time, gpmc_ad[15:0] valid to gpmc_wen valid
D - 0.2 (4)
D + 2.0
(4)
ns
GNF4
td(nWEIV-DIV)
Delay time, gpmc_wen invalid to gpmc_ad[15:0] invalid
E - 0.2 (5)
E + 2.0
(5)
ns
GNF5
td(nWEIV-CLEIV)
Delay time, gpmc_wen invalid to gpmc_ben[1:0] invalid
F - 0.2 (6)
F + 2.0
(6)
ns
GNF6
td(nWEIV-nCSIV)
Delay time, gpmc_wen invalid to gpmc_cs[7:0] invalid
G - 0.2 (7)
G + 2.0
(7)
ns
GNF7
td(ALEH-nWEV)
Delay time, gpmc_advn_ale high to gpmc_wen valid
C - 0.2 (3)
C + 2.0
(3)
ns
GNF8
td(nWEIV-ALEIV)
Delay time, gpmc_wen invalid to gpmc_advn_ale invalid
F - 0.2 (6)
F + 2.0
(6)
ns
GNF9
tc(nWE)
Cycle time, write cycle time
H (8)
ns
GNF10
td(nCSV-nOEV)
Delay time, gpmc_cs[7:0] valid to gpmc_oen_ren valid
I - 0.2 (9)
I + 2.0 (9)
ns
GNF13
tw(nOEV)
Pulse duration, gpmc_oen_ren valid time
K
ns
GNF14
tc(nOE)
Cycle time, read cycle time
L (10)
ns
GNF15
td(nOEIV-nCSIV)
Delay time, gpmc_oen_ren invalid to gpmc_cs[7:0] invalid
M - 0.2
(11)
M + 2.0
(11)
ns
(1) A = (WEOffTime – WEOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2) B = ((WEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(3) C = ((WEOnTime – ADVOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – ADVExtraDelay)) * GPMC_FCLK
(4) D = (WEOnTime * (TimeParaGranularity + 1) + 0.5 * WEExtraDelay ) * GPMC_FCLK
(5) E = (WrCycleTime – WEOffTime * (TimeParaGranularity + 1) – 0.5 * WEExtraDelay ) * GPMC_FCLK
(6) F = (ADVWrOffTime – WEOffTime * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – WEExtraDelay ) * GPMC_FCLK
(7) G = (CSWrOffTime – WEOffTime * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – WEExtraDelay ) * GPMC_FCLK
(8) H = WrCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(9) I = ((OEOffTime + (n – 1) * PageBurstAccessTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) *
GPMC_FCLK
(10) K = (OEOffTime – OEOnTime) * (1 + TimeParaGranularity) * GPMC_FCLK
(11) L = RdCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(12) M = (CSRdOffTime – OEOffTime * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – OEExtraDelay ) * GPMC_FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com