Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 143 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 139Page - Texas Instruments DM505LRBABF Datasheet HTML 140Page - Texas Instruments DM505LRBABF Datasheet HTML 141Page - Texas Instruments DM505LRBABF Datasheet HTML 142Page - Texas Instruments DM505LRBABF Datasheet HTML 143Page - Texas Instruments DM505LRBABF Datasheet HTML 144Page - Texas Instruments DM505LRBABF Datasheet HTML 145Page - Texas Instruments DM505LRBABF Datasheet HTML 146Page - Texas Instruments DM505LRBABF Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 290 page
background image
143
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-45. UART1-3 IOSETs (continued)
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
uart3_ctsn
N4
1
U6
1
5.9.6.10 McSPI
The McSPI is a master/slave synchronous serial bus. There are four separate McSPI modules (SPI1,
SPI2, SPI3, and SPI4) in the device. All these four modules support up to four external devices (four chip
selects) and are able to work as both master and slave.
The McSPI modules include the following main features:
•
Serial clock with programmable frequency, polarity, and phase for each channel
•
Wide selection of SPI word lengths, ranging from 4 to 32 bits
•
Up to four master channels, or single channel in slave mode
•
Master multichannel mode:
–
Full duplex/half duplex
–
Transmit-only/receive-only/transmit-and-receive modes
–
Flexible input/output (I/O) port controls per channel
–
Programmable clock granularity
–
SPI configuration per channel. This means, clock definition, polarity enabling and word width
•
Power management through wake-up capabilities
•
Programmable timing control between chip select and external clock generation
•
Built-in FIFO available for a single channel.
•
Each SPI module supports multiple chip select pins spim_cs[i], where i = 1 to 4.
NOTE
For more information, see the Serial Communication Interface section of the device TRM.
NOTE
The McSPIm module (m = 1 to 4) is also referred to as SPIm.
Table 5-46, Figure 5-35 and Figure 5-36 present Timing Requirements for McSPI - Master Mode.
Table 5-46. Timing Requirements for SPI - Master Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SM1
tc(SPICLK)
Cycle time, spi_sclk (1) (2)
SPI1/2/3/
4
20.8
ns
SM2
tw(SPICLKL)
Typical Pulse duration, spi_sclk low (1)
0.5*P-1
(3)
ns
SM3
tw(SPICLKH)
Typical Pulse duration, spi_sclk high (1)
0.5*P-1
(3)
ns
SM4
tsu(MISO-SPICLK)
Setup time, spi_d[x] valid before spi_sclk active edge (1)
2.29
ns
SM5
th(SPICLK-MISO)
Hold time, spi_d[x] valid after spi_sclk active edge (1)
2.67
ns
SM6
td(SPICLK-SIMO)
Delay time, spi_sclk active edge to spi_d[x] transition (1)
SPI1/2/4
-3.57
3.57
ns
SPI3
-3.57
3.57
ns
SM7
td(CS-SIMO)
Delay time, spi_cs[x] active edge to spi_d[x] transition
3.57
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com