Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 152 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 148Page - Texas Instruments DM505LRBABF Datasheet HTML 149Page - Texas Instruments DM505LRBABF Datasheet HTML 150Page - Texas Instruments DM505LRBABF Datasheet HTML 151Page - Texas Instruments DM505LRBABF Datasheet HTML 152Page - Texas Instruments DM505LRBABF Datasheet HTML 153Page - Texas Instruments DM505LRBABF Datasheet HTML 154Page - Texas Instruments DM505LRBABF Datasheet HTML 155Page - Texas Instruments DM505LRBABF Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 290 page
background image
cs
sclk
d[0]
d[3:1]
Bit n-1
Bit n-2
Bit 1
Bit 0
PHA=1
POL=1
Command
Command
Write Data
Write Data
Q4
Q7
Q6
Q3
Q2
Q1
Q6
Q6
Q5
SPRS85v_TIMING_OSPI1_03
Q8
Q6
152
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-50. Timing Requirements for QSPI
No
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
12
tsu(D-RTCLK)
Setup time, d[3:0] valid before falling rtclk edge
Default
Timing
Mode,
Clock
Mode 0
2.9
ns
tsu(D-SCLK)
Setup time, d[3:0] valid before falling sclk edge
Default
Timing
Mode,
Clock
Mode 3
5.7
ns
13
th(RTCLK-D)
Hold time, d[3:0] valid after falling rtclk edge
Default
Timing
Mode,
Clock
Mode 0
-0.1
ns
th(SCLK-D)
Hold time, d[3:0] valid after falling sclk edge
Default
Timing
Mode,
Clock
Mode 3
0.1
ns
14
tsu(D-SCLK)
Setup time, final d[3:0] bit valid before final falling sclk edge
Default
Timing
Mode,
Clock
Mode 3
5.7-P (1)
ns
15
th(SCLK-D)
Hold time, final d[3:0] bit valid after final falling sclk edge
Default
Timing
Mode,
Clock
Mode 3
0.1+P (1)
ns
(1) P = SCLK period.
(2) Clock Modes 1 and 2 are not supported.
(3) The Device captures data on the falling clock edge in Clock Mode 0 and 3, as opposed to the traditional rising clock edge. Although
non-standard, the falling-edge-based setup and hold time timings have been designed to be compatible with standard SPI devices that
launch data on the falling edge in Clock Modes 0 and 3.
Figure 5-41. QSPI Write (Clock Mode 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com