Electronic Components Datasheet Search
  English  ▼

X  

BTA08F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA08F
Description  Triac in a TO-220F Plastic Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA08F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA08F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BTA08F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 8
TO-220F 塑封封装 双向可控硅。Triac in a TO-220F Plastic Package.

中电流可控硅,低通态压降,高可靠性和稳定性,热敏电阻特性低,绝缘 BTA。
Medium current triac, Low on state voltage drop,High reliability and stability, Low thermal resistance,
insulated BTA.
适用于一般用途交流开关。如固态继电器、加热调节、异步电动机起动电路、电机速度控制器等。
Suitable for general purpose AC switching .Such as static relays,heating regulation,induction motor
starting circuits,motor speed controllers,etc.
PIN1
:Main Terminal 1
PIN 2
:Main Terminal 2
PIN 3:Gate
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - BTA08F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
logo
Sirectifier Semiconduct...
BTA08 SIRECTIFIER-BTA08 Datasheet
337Kb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
8A TRIACs
More results

Similar Description - BTA08F

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
LV20100FCT FOSHAN-LV20100FCT Datasheet
815Kb / 6P
Schottky Diode in a TO-220F Plastic Package
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
Schottky Diode in a TO-220F Plastic Package
BTA04F FOSHAN-BTA04F Datasheet
1Mb / 6P
Triac in a TO-220F Plastic Package
BTA06F FOSHAN-BTA06F Datasheet
1Mb / 8P
Triac in a TO-220F Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
Triac in a TO-220F Plastic Package
BTA16F FOSHAN-BTA16F Datasheet
1Mb / 8P
Triac in a TO-220F Plastic Package
BTA20F FOSHAN-BTA20F Datasheet
1Mb / 7P
Triac in a TO-220F Plastic Package
7806F FOSHAN-7806F Datasheet
1Mb / 6P
Voltage Regulator in a TO-220F Plastic Package
7808F FOSHAN-7808F Datasheet
1Mb / 6P
Voltage Regulator in a TO-220F Plastic Package
7812F FOSHAN-7812F Datasheet
1Mb / 6P
Voltage Regulator in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com