Electronic Components Datasheet Search
  English  ▼

X  

BTA08F Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA08F
Description  Triac in a TO-220F Plastic Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA08F Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA08F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BTA08F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 8
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTA08F
单位
Unit
C
B
IGT
(1)
VD=12V RL=30Ω
I-II-III
IV
Max.
25
50
50
100
mA
VGT
VD=12V RL=30Ω
ALL
Max.
1.3
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
ALL
Min.
0.2
V
IH
(2)
IT=500mA
Max.
25
50
mA
IL
IG=1.2IGT
I-III- IV
Max.
40
50
mA
II
80
100
(dV/dt)(2)
VD=67% VDRM gate open
Tj=125℃
Min.
200
400
V/μs
(dV/dt)c(2)
(dI/dt)c=5.3A/ms
Tj=125℃
Min.
5.0
10
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
符号
Symbol
测试条件
Test Conditions
数值
Value
单位
Unit
VTM
(2)
ITM=11A tp =380μs
Tj=25℃
Max.
1.55
V
Vto
(2)
Threshold voltage Tj=125℃
Max.
0.85
V
Rd
(2)
Dynamic resistance
Tj=125℃
Max.
50
mΩ
IDRM
IRRM
VDRM = VRRM
Tj=25℃
Max.
5.0
μA
Tj=125℃
Max.
1.0
mA
Note 2:for both polarities of A2 referenced to A1.
电性能参数 / Electrical Characteristics(Ta=25℃)
标准(4象限) / Standard(4 quadrants)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com