Electronic Components Datasheet Search
  English  ▼

X  

RT5028 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5028
Description  Integrated PMIC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5028 Datasheet HTML 1Page - Richtek Technology Corporation RT5028 Datasheet HTML 2Page - Richtek Technology Corporation RT5028 Datasheet HTML 3Page - Richtek Technology Corporation RT5028 Datasheet HTML 4Page - Richtek Technology Corporation RT5028 Datasheet HTML 5Page - Richtek Technology Corporation RT5028 Datasheet HTML 6Page - Richtek Technology Corporation RT5028 Datasheet HTML 7Page - Richtek Technology Corporation RT5028 Datasheet HTML 8Page - Richtek Technology Corporation RT5028 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
RT5028
®
DS5028-02
September 2016
www.richtek.com
1
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
General Description
The RT5028 is a highly-integrated low-power high-
performance analog SOC with PMIC in one single chip
designed for Industrial applications.
The RT5028 includes four synchronous step-down DC-
DC converters and eight LDOs for system power.
The RT5028 also embeds one EEPROM (MTP) for setting
sequence and timing etc.
Additionally, the RT5028 PMIC also includes one IRQ
report.
Simplified Application Circuit
Features
Input Voltage Operating Range is 3.3V to 5.5V
Step-Down Regulator : VIN Range is 3.3V to 5.5V
Max Current 2.4A/2A/1.6A/2A
Programmable Frequency from 500kHz to 2MHz
I
2C Programmable Output Level
I
2C Programmable Operation Mode (Force PWM
or Auto PSM/PWM)
I
2C Programmable Output Discharge Mode
(Discharge or Flatting)
Linear Regulators : VIN Range is 2.5V to 5.5V
Max Current 0.3A
I
2C Programmable Output Level
Embedded 32Bytes MTP for Factory Tuning
External MTP Pin for Write Protection
Sequence can be Controlled by I
2C or each EN pins
Defined by MASK_GPIO pin.
OT/UVP/VIN LV/POWRON press Time Interrupt
(IRQ).
I
2C Control Interface: Support Fast Mode up to
400kb/s
RoHS Compliant and Halogen Free
Package Type
QW : WQFN-56L 7x7 (W-Type)
RT5028
Lead Plating System
G : Green (Halogen Free and Pb Free)
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Industrial
RT5028
VINL456
VINL123
AGND
VINL78
VOUTLx
VDDP
VIN
VINBx
LXBx
VOUTBxS
SCL
SDA
IRQ
PWRHOLD
PWRON
REBOOT
MTP
MASK_GPIO
SADDR
RESET
ENBx
ENLx
Integrated PMIC with 4-Channel Synchronous Buck
Converters, 8 LDOs, and MTP Non-Volatile Memory for
Industrial Applications


Similar Part No. - RT5028

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028A RICHTEK-RT5028A Datasheet
512Kb / 41P
RoHS Compliant and Halogen Free
RT5028B RICHTEK-RT5028B Datasheet
505Kb / 41P
Embedded 32Bytes MTP for Factory Tuning
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
PMIC for Industrial Application
RT5028C RICHTEK-RT5028C Datasheet
624Kb / 41P
Integrated PMIC
RT5028CGQW RICHTEK-RT5028CGQW Datasheet
624Kb / 41P
Integrated PMIC
More results

Similar Description - RT5028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
Highly Integrated 6-Channel Portable PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
Highly Integrated Portable Product PMIC
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
Integrated PMIC
logo
Richtek Technology Corp...
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
Integrated PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com