Electronic Components Datasheet Search
  English  ▼

X  

RT5028 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT5028
Description  Integrated PMIC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT5028 Datasheet HTML 26Page - Richtek Technology Corporation RT5028 Datasheet HTML 27Page - Richtek Technology Corporation RT5028 Datasheet HTML 28Page - Richtek Technology Corporation RT5028 Datasheet HTML 29Page - Richtek Technology Corporation RT5028 Datasheet HTML 30Page - Richtek Technology Corporation RT5028 Datasheet HTML 31Page - Richtek Technology Corporation RT5028 Datasheet HTML 32Page - Richtek Technology Corporation RT5028 Datasheet HTML 33Page - Richtek Technology Corporation RT5028 Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
DS5028-02
September 2016
www.richtek.com
RT5028
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
IRQ_PMIC (Power Channels)
Address 28
IRQ Enable1
Bit
Name
Description
Read/Write
Reset Value
7
OT_IRQ
Internal over-temperature was triggered, IRQ
enable
R/W
1
6
Bck1LV_IRQ
Buck1 output voltage equal 66% x VTarget , IRQ
enable
R/W
1
5
Bck2LV_IRQ
Buck2 output voltage equal 66% x VTarget, IRQ
enable
R/W
1
4
Bck3LV_IRQ
Buck3 output voltage equal 66% x VTarget, IRQ
enable
R/W
1
3
Bck4LV_IRQ
Buck4 output voltage equal 66% x VTarget, IRQ
enable
R/W
1
2
PWRONSP_IRQ
PWRON short press, IRQ enable
(32
μs deglitch time)
R/W
0
1
PWRONLP_IRQ
PWRON long press, IRQ enable
(32
μs deglitch time)
R/W
0
0
SYSLV_IRQ
VIN voltage is lower than VOFF, IRQ enable
R/W
0
Address 29
IRQ Status1
Bit
Name
Description
Read/Write
Reset Value
7
OT
Internal over-temperature
R
0
6
Bck1LV
Buck1 output voltage equal 66% x VTarget
R
0
5
Bck2LV
Buck2 output voltage equal 66% x VTarget
R
0
4
Bck3LV
Buck3 output voltage equal 66% x VTarget
R
0
3
Bck4LV
Buck4 output voltage equal 66% x VTarget
R
0
2
PWRONSP
PWRON short press (32
μs deglitch time)
R
0
1
PWRONLP
PWRON long press (32
μs deglitch time)
R
0
0
VINLV
VIN voltage is lower than VOFF
R
0
Address 2A
IRQ Enable2
Bit
Name
Description
Read/Write
Reset Value
7
KPSHDN_IRQ
Key-press forced shutdown, IRQ enable
R/W
1
6
PWRONR_IRQ
PWRON press rising edge, IRQ enable
R/W
0
5
PWRONF_IRQ
PWRON press falling edge, IRQ enable
R/W
0
[4:0]
Reserved
R
0000
Address 2B
IRQ Status2
Bit
Name
Description
Read/Write
Reset Value
7
KPSHDN
Key-press forced shutdown
R
0
6
PWRONR
PWRON press rising edge
R
0
5
PWRONF
PWRON press falling edge
R
0
[4:2]
Reserved
R
000
1
OTW125
Internal 125
°C pre-warning over-temperature.
R
0
0
OTW100
Internal 100
°C pre-warning over-temperature.
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com