Electronic Components Datasheet Search
  English  ▼

X  

BAT41 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # BAT41
Description  Discrete Triacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BAT41 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  BAT41 Datasheet HTML 1Page - Sirectifier Semiconductors BAT41 Datasheet HTML 2Page - Sirectifier Semiconductors BAT41 Datasheet HTML 3Page - Sirectifier Semiconductors BAT41 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STATIC CHARACTERISTICS
Note 1
: minimum IGT is guaranted at 5% of IGT max.
Not
e 2: for both polarities of A2 referenced to A1
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 60 A
tp = 380 µs
Tj = 25°C
MAX.
1.55
V
Vto (2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
10
mΩ
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5µA
Tj = 125°C
5
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
0.6
°C/W
Rth(j-a)
Junction to ambient
°C/W
50
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Type
Package
200 V
1000 V
BTB41
X
X
50 mA
Standard
TO-247AD
OTHER INFORMATION
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTB41
BTB41
6 g
120
Bulk
~~
BTB41
Discrete Triacs(Non-Isolated)
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com