Electronic Components Datasheet Search
  English  ▼

X  

BAT41 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # BAT41
Description  Discrete Triacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BAT41 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  BAT41 Datasheet HTML 1Page - Sirectifier Semiconductors BAT41 Datasheet HTML 2Page - Sirectifier Semiconductors BAT41 Datasheet HTML 3Page - Sirectifier Semiconductors BAT41 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F ig. 7: R elative variation of gate trigger current,
holding current and latching current vers us
junction temperature (typical values).
F ig. 8: R elative variation of critical rate of decreas e
of main current vers us (dV /dt)c (typical values ).
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T j(° C )
IG T,IH,IL [T j] / IG T,IH,IL [T j=25° C ]
IG T
IH & IL
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV /dt)c (V /µs )
(dI/dt)c [(dV /dt)c] / S pecified (dI/dt)c
F ig. 9: R elative variation of critical rate of
decreas e
of main current vers us
junction
temperature.
0
25
50
75
100
125
0
1
2
3
4
5
6
T j (° C )
(dI/dt)c [T j] / (dI/dt)c [T j s pecified]
BTB41
Discrete Triacs(Non-Isolated)
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com