Electronic Components Datasheet Search
  English  ▼

X  

BAT41 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # BAT41
Description  Discrete Triacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BAT41 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  BAT41 Datasheet HTML 1Page - Sirectifier Semiconductors BAT41 Datasheet HTML 2Page - Sirectifier Semiconductors BAT41 Datasheet HTML 3Page - Sirectifier Semiconductors BAT41 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
F ig. 1: Maximum power dis s ipation vers us R MS
on-s tate current (full cycle).
F ig. 2: R MS on-state current vers us cas e
temperature (full cycle).
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
IT (R MS ) (A )
P (W)
180°
α
α
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
45
T c(° C )
IT (R MS ) (A )
B TA 41
B T B 41
α = 180°
F ig. 3: R elative variation of thermal impedance
versus pulse duration.
F ig.
4:
On-s tate
characteris tics
(maximum
values ).
F ig. 5: S urge peak on-s tate current vers us
number of cycles .
F ig. 6: Non-repetitive s urge peak on-s tate
current for a
s inus oidal puls e with width
tp < 10 ms, and corresponding value of I²t.
1.E -03 1.E -02 1.E -01 1.E +00 1.E +01 1.E +02 1.E +03
1.E -03
1.E -02
1.E -01
1.E +00
K =[Zth/R th]
Zth(j-c)
Zth(j-a)
B TA/B T B 41
tp (s )
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
400
V T M (V )
IT M (A )
T j=25°C
T j max
T j max.:
V to = 0.85 V
R d = 10 m
Ω
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
Number of cycles
IT S M (A )
Non repetitive
T j initial=25°C
R epetitive
T c=70°C
One cycle
t=20ms
0.01
0.10
1.00
10.00
100
1000
10000
tp (ms )
IT S M (A ), I² t (A ² s )
T j initial=25°C
IT S M
I²t
dI/dt limitation:
50A /µs
BTB41
Discrete Triacs(Non-Isolated)
P3
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com