Electronic Components Datasheet Search
  English  ▼

X  

PS72141 Datasheet(PDF) 4 Page - NEC

Part # PS72141
Description  4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS72141 Datasheet(HTML) 4 Page - NEC

  PS72141 Datasheet HTML 1Page - NEC PS72141 Datasheet HTML 2Page - NEC PS72141 Datasheet HTML 3Page - NEC PS72141 Datasheet HTML 4Page - NEC PS72141 Datasheet HTML 5Page - NEC PS72141 Datasheet HTML 6Page - NEC PS72141 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PS7214-1A
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
ON-STATE RESISTANCE DISTRIBUTION
TURN-ON TIME vs. FORWARD CURRENT
TURN-OFF TIME vs. FORWARD CURRENT
TURN-ON TIME DISTRIBUTION
TURN-OFF TIME DISTRIBUTION
Ambient Temperature,TA (°C)
On-state Resistance,Ron (Ω)
Forward Current, IF (mA)
Forward Current, IF (mA)
Turn-on Time, ton (ms)
Turn-off Time, toff (ms)
3.0
2.5
2.0
1.5
1.0
0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25°C,
IF = 10 mA,
IL = 400 mA
0.5
n = 50 pcs,
IF = 10 mA,
IL = 400 mA,
f ≤ 10 ms
30
25
20
15
10
5
0
0.8
1.0
1.2
0.30
0.25
0.20
0.15
0.10
0
05
10
15
25
20
30
VO = 5 V,
RL = 500 Ω
0.05
n = 50 pcs,
IF = 10 mA,
VO = 5 V
RL = 500 Ω
30
25
20
15
10
5
0
0.08
0.12
n = 50 pcs,
IF = 10 mA,
VO = 5 V
RL = 500 Ω
30
25
20
15
10
5
0
1.3
1.5
6.0
5.0
4.0
3.0
2.0
0
05
10
15
25
20
30
VO = 5 V,
RL = 500 Ω
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com