Electronic Components Datasheet Search
  English  ▼

X  

PS72141 Datasheet(PDF) 1 Page - NEC

Part # PS72141
Description  4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS72141 Datasheet(HTML) 1 Page - NEC

  PS72141 Datasheet HTML 1Page - NEC PS72141 Datasheet HTML 2Page - NEC PS72141 Datasheet HTML 3Page - NEC PS72141 Datasheet HTML 4Page - NEC PS72141 Datasheet HTML 5Page - NEC PS72141 Datasheet HTML 6Page - NEC PS72141 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4 PIN SOP, 1.0
Ω
LOW ON-STATE RESISTANCE
1-CH OPTICAL COUPLED MOSFET
PS7214-1A
FEATURES
•
LOW ON-STATE RESISTANCE:
RON = 1.0 Ω TYP
•
LARGE CONTINUOUS LOAD CURRENT:
IL = 400 mA
•1 CHANNEL TYPE:
1a output
•
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
•
SMALL AND THIN PACKAGE:
4 pin SOP, Height = 2.1 mm
•
HIGH ISOLATION VOLTAGE:
(BV = 1500 Vr.m.s.)
•
LOW OFFSET VOLTAGE
•
SURFACE MOUNT TYPE LEAD:
PS7214-1A-E3, E4, F3, F4
DESCRIPTION
The PS7214-1A is a low on-state resistance solid state relay
containing GaAs LEDs on the light emitting side (input side)
and MOS FETs on the output side.
It is suitable for PLC, etc. because of its large continuous load
current and low on-state resistance.
APPLICATIONS
•
MEASUREMENT EQUIPMENT
•FA EQUIPMENT
PART NUMBER
PS7214-1A
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5.0
ILOFF
Off-State Leakage Current, VD = 100 V
µA
1.0
COUT
Output Capacitance, VD = 0 V, f = 1 MHz
pF
120
IFon
LED On-State Current, IL = 400 mA
mA
2.0
Ron
On-state Resistance, IF = 10 mA, IL = 400 mA, t≤10 ms
Ω
1.0
1.2
tON
Turn-on Time1, IF = 10 mA, VO = 5 V, RL = 500 Ω, PW ≥ 10 ms
ms
1.3
2.0
tOFF
Turn-off Time1, IF = 10 mA, VO = 5 V, RL = 500 Ω, PW ≥ 10 ms
ms
0.1
1.0
RI-O
Isolation Resistance, VI-O = 1.0 kVDC
Ω
109
CI-O
Isolation Capacitance, V = 0 V, f = 1 MHz
pF
0.5
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
California Eastern Laboratories
PS7214-1A
1
2
3
4
Input
50%
0
VO = 5 V
90%
10%
ton
toff
Output
IF
Pulse Input
Input Monitor
VO Monitor
VL
Rin
RL
Note:
1. Test circuit for Switching Time:


Similar Part No. - PS72141

ManufacturerPart #DatasheetDescription
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7214-1A-A NEC-PS7214-1A-A Datasheet
107Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7214-1A-A CEL-PS7214-1A-A Datasheet
202Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS72141

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200E-1A CEL-PS7200E-1A Datasheet
353Kb / 12P
4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com