Electronic Components Datasheet Search
  English  ▼

X  

PS72141 Datasheet(PDF) 5 Page - NEC

Part # PS72141
Description  4 PIN SOP, 1.0 ??LOW ON-STATE RESISTANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS72141 Datasheet(HTML) 5 Page - NEC

  PS72141 Datasheet HTML 1Page - NEC PS72141 Datasheet HTML 2Page - NEC PS72141 Datasheet HTML 3Page - NEC PS72141 Datasheet HTML 4Page - NEC PS72141 Datasheet HTML 5Page - NEC PS72141 Datasheet HTML 6Page - NEC PS72141 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PS7214-1A
TAPING SPECIFICATIONS
Tape Outline and Dimensions
Tape Direction
Reel Outline and Dimensions
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Remark: The graphs indicate nominal characteristics.
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
025
75
100
50
Normalized to 1.0
at TA = 25°C
IF = 10 mA,
VO = 5 V,
RL = 500 Ω
2.0
2.5
3.0
1.5
1.0
0.5
0.0
-25
025
75
100
50
Normalized to 1.0
at TA = 25°C
IF = 10 mA,
VO = 5 V,
RL = 500 Ω
2.0 ± 0.5
φ13 ± 0.5
13.0±1.0
φ21.0 ± 0.8
2.0
15°
15°
2.0
± 0.1
4.0
± 0.1
1.55
± 0.1
1.55
± 0.1
8.0
± 0.1
4.6
± 0.1
2.4
± 0.1
0.3
5.5
± 0.1
7.4
± 0.1
1.75
± 0.1
12.0
± 0.2
Packing: 900 pcs/reel
PS7214-1A-E3
PS7214-1A-E4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com