Electronic Components Datasheet Search
  English  ▼

X  

DS1208 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DS1208
Description  dallas semiconductor reliability report
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DS1208 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DS1208 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 3Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 4Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DESCRIPTION
VEHICLE
READPOINT
REV DATE CODE
CONDITION
QUANTITY
FAILS FILE #
dallas semiconductor reliability report:
Process:
Single Poly, Single Metal (Ti/TiN layers
0.6 µm
Standard Process
Metal:
Al / 0.5% Cu / 0.8% Si
Passivation:
Summary Data with Chi-Square Distribution Assumed.
Stress Ambient Temperature and Voltage to
Field Ambient Temperature And Voltage
Cf:
60%
Ea:
0.7
β: 1
Gate Ox Thickness: 160 Å
DS1208
DEVICE HRS
Tuse:
55
Vuse:
5.5
°C
Volts
TEOS Oxide / Nitride
DS2401
1000
C2
9902
125C, 6.0 VOLTS
113
0
9641832
HIGH VOLTAGE LIFE
HOURS
48
C2
9902
125C, 6.0 VOLTS
116
0
715504
HOURS
336
C2
9902
125C, 6.0 VOLTS
116
0
4293026
HOURS
1000
C2
9902
125C, 6.0 VOLTS
116
0
9897810
HOURS
48
C2
9902
125C, 6.0 VOLTS
116
0
715504
HOURS
336
C2
9902
125C, 6.0 VOLTS
115
0
4256017
HOURS
1000
C2
9902
125C, 6.0 VOLTS
115
0
9812484
HOURS
48
C2
9902
125C, 6.0 VOLTS
116
0
715504
HOURS
48
C2
9902
125C, 6.0 VOLTS
116
0
715504
HOURS
DS2401
48
C2
9921
125C, 6.0 VOLTS
97
0
598310
INFANT LIFE
HOURS
DS2401
48
C2
9926
125C, 6.0 VOLTS
234
0
1443345
INFANT LIFE
HOURS
336
C2
9926
125C, 6.0 VOLTS
77
0
3324628
HIGH VOLTAGE LIFE
HOURS
1000
C2
9926
125C, 6.0 VOLTS
77
0
6570098
HOURS
DS2401
48
C2
9928
125C, 6.0 VOLTS
550
0
3392477
HIGH VOLTAGE LIFE
HOURS
168
C2
9928
125C, 6.0 VOLTS
01/08/2000
HOURS
48
C2
9928
125C, 6.0 VOLTS
571
0
3522008
HOURS
168
C2
9928
125C, 6.0 VOLTS
01/14/2000
HOURS
DS2401
48
C2
9943
125C, 6.0 VOLTS
250
0
1542035
INFANT LIFE
HOURS
336
C2
9943
125C, 6.0 VOLTS
77
0
3324628
HIGH VOLTAGE LIFE
HOURS
DS2405
48
B1
9822
125C, 6.0 VOLTS
253
0
1560540
HIGH VOLTAGE LIFE
HOURS
Wednesday, January 26, 2000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com