Electronic Components Datasheet Search
  English  ▼

X  

DS1208 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DS1208
Description  dallas semiconductor reliability report
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DS1208 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DS1208 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 3Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 4Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DESCRIPTION
VEHICLE
READPOINT
REV DATE CODE
CONDITION
QUANTITY
FAILS FILE #
dallas semiconductor reliability report:
Process:
Single Poly, Single Metal (Ti/TiN layers
0.6 µm
Standard Process
Metal:
Al / 0.5% Cu / 0.8% Si
Passivation:
Summary Data with Chi-Square Distribution Assumed.
Stress Ambient Temperature and Voltage to
Field Ambient Temperature And Voltage
Cf:
60%
Ea:
0.7
β: 1
Gate Ox Thickness: 160 Å
DS1208
DEVICE HRS
Tuse:
55
Vuse:
5.5
°C
Volts
TEOS Oxide / Nitride
FAILURE MECHANISM
FAILURE MODE
CORRECTIVE ACTION
File #
SUSPECT GATE OXIDE
PREFUNCTIONAL
IN PROCESS
22411
SUSPECT GATE OXIDE
PREFUNCTIONAL
IN PROCESS
22990
DEVICE
REV
DIE SIZE (x)
No. of Transistors
DIE SIZE (y)
99
C1
16100
DS12885
122
54
C1
2371
DS2401
28
54
C2
2371
DS2401
28
53
B1
0
DS2405
34
76
A1
3600
DS2409
75
56
A1
4830
DS2415
45
Wednesday, January 26, 2000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com