Electronic Components Datasheet Search
  English  ▼

X  

DS1208 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DS1208
Description  dallas semiconductor reliability report
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DS1208 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DS1208 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 3Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 4Page - List of Unclassifed Manufacturers DS1208 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
VEHICLE
READPOINT
REV DATE CODE
CONDITION
QUANTITY
FAILS FILE #
dallas semiconductor reliability report:
Process:
Single Poly, Single Metal (Ti/TiN layers
0.6 µm
Standard Process
Metal:
Al / 0.5% Cu / 0.8% Si
Passivation:
Summary Data with Chi-Square Distribution Assumed.
Stress Ambient Temperature and Voltage to
Field Ambient Temperature And Voltage
Cf:
60%
Ea:
0.7
β: 1
Gate Ox Thickness: 160 Å
DS1208
DEVICE HRS
Tuse:
55
Vuse:
5.5
°C
Volts
TEOS Oxide - Nitride
HIGH TEMPERATURE OPERATING LIFE
DS12885
48
C1
9804
125C, 6.0 VOLTS
429
0
2646132
INFANT LIFE
HOURS
336
C1
9804
125C, 6.0 VOLTS
153
0
6606079
HIGH VOLTAGE LIFE
HOURS
1000
C1
9804
125C, 6.0 VOLTS
153
0
13054870
HOURS
1500
C1
9804
125C, 6.0 VOLTS
153
0
9830474
HOURS
DS12885
48
C1
9807
125C, 6.0 VOLTS
429
0
2646132
INFANT LIFE
HOURS
336
C1
9807
125C, 6.0 VOLTS
153
0
6606079
HIGH VOLTAGE LIFE
HOURS
1000
C1
9807
125C, 6.0 VOLTS
153
0
13054870
HOURS
1500
C1
9807
125C, 6.0 VOLTS
153
0
9830474
HOURS
DS2401
48
C1
9752
125C, 6.0 VOLTS
399
0
2461088
INFANT LIFE
HOURS
336
C1
9752
125C, 6.0 VOLTS
200
0
8635397
HIGH VOLTAGE LIFE
HOURS
528
C1
9752
125C, 6.0 VOLTS
200
0
4934513
HOURS
DS2401
48
C2
9808
125C, 6.0 VOLTS
200
0
1233628
HIGH VOLTAGE LIFE
HOURS
48
C2
9808
150C, 6.0 VOLTS
419
0
8634985
HOURS
336
C2
9808
150C, 6.0 VOLTS
419
0
51809909
HOURS
DS2401
48
C2
9832
125C, 6.0 VOLTS
195
0
1202787
HIGH VOLTAGE LIFE
HOURS
336
C2
9832
125C, 6.0 VOLTS
195
0
7216725
HOURS
1000
C2
9832
125C, 6.0 VOLTS
194
1
16553234
22411
HOURS
DS2401
48
C2
9835
125C, 6.0 VOLTS
370
0
2282212
INFANT LIFE
HOURS
336
C2
9835
125C, 6.0 VOLTS
80
0
3454159
OP-LIFE
HOURS
Wednesday, January 26, 2000


Similar Part No. - DS1208

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS120 LUMILEDS-DS120 Datasheet
2Mb / 17P
Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
Bridgelux, Inc.
DS120 BRIDGELUX-DS120 Datasheet
2Mb / 37P
Vero® SE 10 Array
07/2023
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
More results

Similar Description - DS1208

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7720AC NEC-UPD7720AC Datasheet
59Kb / 12P
QUARTERLY MICROPROCESSOR/MICROCOMPUTER RELIABILITY REPORT
logo
Stanford Microdevices
SGA-9189 STANFORD-SGA-9189 Datasheet
448Kb / 5P
Reliability Qualification Report
logo
Maxim Integrated Produc...
32TSOP MAXIM-32TSOP Datasheet
33Kb / 11P
PACKAGE RELIABILITY REPORT
10/29/2004
DS21Q58 MAXIM-DS21Q58 Datasheet
17Kb / 3P
Dallas Semiconductor
06/01/04 Rev B1
DS21Q59 MAXIM-DS21Q59 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS21Q59, REV A2
02/03/2004 Rev A2
DS3930 MAXIM-DS3930 Datasheet
17Kb / 4P
RELIABILITY REPORT FOR DS3930, REV A1
08/01/03 Rev A1
logo
Stanford Microdevices
SGA-8343X STANFORD-SGA-8343X Datasheet
178Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
DS1249W MAXIM-DS1249W Datasheet
16Kb / 6P
module device DS1249W RELIABILITY REPORT
09/13/2004
logo
List of Unclassifed Man...
STQ-1016Z ETC1-STQ-1016Z Datasheet
216Kb / 9P
Reliability Qualification Report
logo
Maxim Integrated Produc...
DS1204 MAXIM-DS1204 Datasheet
22Kb / 6P
Rev F1 Dallas Semiconductor
05/27/2004 Rev F1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com