Electronic Components Datasheet Search
  English  ▼

X  

RT9629B Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9629B Datasheet HTML 2Page - Richtek Technology Corporation RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation RT9629B Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9629B
6
DS9629B-06
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PWM Input
Maximum Input Current
IPWM
VPWMx = 0V or 5V
--
160
--
A
PWMx Floating Voltage
VPWM_fl
PWMx = Open
--
1.8
--
V
PWMx Rising Threshold
VPWM_rth
2.3
2.8
3.2
V
PWMx Falling Threshold
VPWM_fth
0.7
1.1
1.4
V
Timing
UGATEx Rising Time
tUGATEr
3nF load
--
25
--
ns
UGATEx Falling Time
tUGATEf
3nF load
--
12
--
ns
LGATEx Rising Time
tLGATEr
3nF load
--
24
--
ns
LGATEx Falling Time
tLGATEf
3nF load
--
10
--
ns
tUGATEpgh
--
60
--
tUGATEpdl
VBOOTx VPHASEx = 12V
See Timing Diagram
--
22
--
ns
tLGATEpdh
--
30
--
Propagation Delay
tLGATEpdl
See Timing Diagram
--
8
--
ns
Output
UGATEx Drive Source
RUGATEsr
VBOOT  VPHASE = 12V, ISource = 100mA
--
1.7
--
UGATEx Drive Sink
RUGATEsk
VBOOT  VPHASE = 12V, ISink = 100mA
--
1.4
--
LGATEx Drive Source
RLGATEsr
ISource = 100mA
--
1.6
--
LGATEx Drive Sink
RLGATEsk
ISink = 100mA
--
1.1
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com