Electronic Components Datasheet Search
  English  ▼

X  

RT9629B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation RT9629B Datasheet HTML 10Page - Richtek Technology Corporation RT9629B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9629B
7
DS9629B-06
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Timing Diagram
PWMx
UGATEx
LGATEx
tUGATEpdh
tLGATEpdl
tUGATEpdl
tLGATEpdh
90%
90%
1.5V
1.5V
1.5V
1.5V
VCC2
PWM1
GND
BOOT1
UGATE1
PHASE1
LGATE1
RT9629B
QUG1
12V
PWM1
VOUT
QLG1
CVCC
CBOOT1
CPH1
RVCC
RBOOT1
RUG1
RLG1
RPH1
L1
2.2
1µF
1
1µF
2.2
0
2.2
3.3nF
PWM2
PWM2
PWM3
PWM3
BOOT2
QUG2
QLG2
CBOOT2
CPH2
RBOOT2
RUG2
RLG2
RPH2
L2
1
1µF
2.2
0
2.2
3.3nF
BOOT3
QUG3
QLG3
CBOOT3
CPH3
RBOOT3
RUG3
RLG3
RPH3
L3
1
1µF
2.2
0
2.2
3.3nF
VIN
VIN
COUT
CIN
UGATE2
PHASE2
LGATE2
UGATE3
PHASE3
LGATE3
21
9
7
5
3, 14, 23,
25 (Exposed Pad)
11
12
13
15
20
19
17
2
24
1
22
VCC1
16
18
POR
10
270µF x 3
820µF x 6
12V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com