Electronic Components Datasheet Search
  English  ▼

X  

RT9629B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9629B
Description  Triple-Channel Synchronous Rectified Buck MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9629B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9629B Datasheet HTML 1Page - Richtek Technology Corporation RT9629B Datasheet HTML 2Page - Richtek Technology Corporation RT9629B Datasheet HTML 3Page - Richtek Technology Corporation RT9629B Datasheet HTML 4Page - Richtek Technology Corporation RT9629B Datasheet HTML 5Page - Richtek Technology Corporation RT9629B Datasheet HTML 6Page - Richtek Technology Corporation RT9629B Datasheet HTML 7Page - Richtek Technology Corporation RT9629B Datasheet HTML 8Page - Richtek Technology Corporation RT9629B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9629B
2
DS9629B-06
July 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
1, 12, 19
UGATE3,
UGATE1,
UGATE2
High Side Gate Drive Outputs for Phase 3, Phase 1, and Phase 2. Connect this
pin to the Gate of high side power MOSFET.
2, 11, 20
BOOT3,
BOOT1,
BOOT2
Bootstrap Power Pins for Phase 3, Phase 1, and Phase 2. This pin powers the
high side MOSFET driver. Connect this pin to the junction of the bootstrap
capacitor and the cathode of the bootstrap diode.
3, 14, 23,
25 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
4, 6, 8
NC
No Internal Connection.
5, 7, 9
PWM3,
PWM2,
PWM1
PWM Signal Input. Connect this pin to the PWM output of the controller.
10
POR
Power On Reset Signal.
13, 18, 24
PHASE1,
PHASE2,
PHASE3
Switch Nodes of High Side Driver 1, Driver 2, and Driver 3. Connect this pin to
the high side MOSFET Source together with the low side MOSFET Drain and
the inductor.
15, 17, 22
LGATE1,
LGATE2,
LGATE3
Low Side Gate Drive Output for Phase 1, Phase 2, and Phase 3. This pin drives
the Gate of low side MOSFET.
16, 21
VCC1, VCC2
Supply Input Pin. VCC1 supplies current for Channel 1 and Channel 2 gate
drivers. VCC2 supplies current for Channel 3 gate driver.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
(TOP VIEW)
WQFN-24L 5x5
Pin Configurations
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT9629B
Package Type
QW : WQFN-24L 5x5 (W-Type)
UGATE3
NC
GND
BOOT3
PHASE2
LGATE1
VCC1
LGATE2
NC
PWM3
PHASE1
GND
25
GND
18
17
16
15
1
2
3
4
89
10
11
23
22
21
20
14
13
5
6
7
24
12
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com