Electronic Components Datasheet Search
  English  ▼

X  

HM62864 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HM62864
Description  65536-word 쨈 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM62864 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HM62864 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 4Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 5Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 8Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 9Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 10Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HM62864 Series
7
AC Characteristics (Ta = 0 to +70
°C, V
CC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.8 V to 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: HM62864-5: 1 TTL + 30 pF (Including scope & jig)
HM62864-7/8: 1 TTL + 100 pF (Including scope & jig)
Read Cycle
HM62864-5
HM62864-7
HM62864-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
—
70
—
85
—
ns
Address access time
t
AA
—
55
—
70
—
85
ns
Chip select access time
CS1
t
CO1
—
55
—
70
—
85
ns
CS2
t
CO2
—
55
—
70
—
85
ns
Output enable to output valid
t
OE
—
30
—
40
—
45
ns
Chip selection to output in
CS1
t
LZ1
5
—
10
—
10
—
ns
2
low-Z
CS2
t
LZ2
5
—
10
—
10
—
ns
2
Output enable to output in
low-Z
t
OLZ
5
—
5
—
5
—
ns
2
Chip deselection in output in
CS1
t
HZ1
0
20
0
25
0
30
ns
1, 2
high-Z
CS2
t
HZ2
0
20
0
25
0
30
ns
1, 2
Output disable to output in
high-Z
t
OHZ
0
20
0
25
0
30
ns
1, 2
Output hold from address
change
t
OH
5
—
10
—
10
—
ns
Notes: 1. t
HZ and t OHZ are defined as the time at which the outputs achieve the open circuit conditions and
are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com