Electronic Components Datasheet Search
  English  ▼

X  

HM62864 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # HM62864
Description  65536-word 쨈 8-bit High Speed CMOS Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM62864 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button HM62864 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 8Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 9Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 10Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 11Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 12Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 13Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 14Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HM62864 Series
14
Low V
CC Data Retention Timing Waveform (2) (CS2 Controlled)
CC
V
4.5 V
0 V
CS2
CDR
tR
CS2
0.2 V
DR2
V
Data retention mode
0.4 V
t
<
<
0V
Package Dimensions
HM62864LFP Series (FP-32D)
Unit: mm
0.15 M
+ 0.10
– 0.05
0.40
20.45
1.00 Max
1.27
1.42
20.95 Max
32
17
1
16
0 – 8 °
0.80 ± 0.20
14.14 ± 0.30
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com