Electronic Components Datasheet Search
  English  ▼

X  

BAS21HM Datasheet(PDF) 2 Page - Rohm

Part # BAS21HM
Description  Switching Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS21HM Datasheet(HTML) 2 Page - Rohm

  BAS21HM Datasheet HTML 1Page - Rohm BAS21HM Datasheet HTML 2Page - Rohm BAS21HM Datasheet HTML 3Page - Rohm BAS21HM Datasheet HTML 4Page - Rohm BAS21HM Datasheet HTML 5Page - Rohm BAS21HM Datasheet HTML 6Page - Rohm BAS21HM Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
BAS21HM
Electrical characteristic curves
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Tj = 25°C
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
IFSM
time
TIME : t(ms)
IFSM-t CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
50
100
150
200
250
Tj = 75°C
Tj = 25°C
Tj = 125°C
Tj = 40°C
Tj = 150°C
0.001
0.01
0.1
1
0 200 400 600 800 1000 1200 1400 1600 1800
Tj = 75°C
Tj = 25°C
Tj = 125°C
Tj = 40°C
Tj = 150°C
0.1
1
10
0
5
10
15
20
25
30
Tj = 25°C
f = 1MHz
2/4
2016.09 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com