Electronic Components Datasheet Search
  English  ▼

X  

BAS21HM Datasheet(PDF) 3 Page - Rohm

Part # BAS21HM
Description  Switching Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS21HM Datasheet(HTML) 3 Page - Rohm

  BAS21HM Datasheet HTML 1Page - Rohm BAS21HM Datasheet HTML 2Page - Rohm BAS21HM Datasheet HTML 3Page - Rohm BAS21HM Datasheet HTML 4Page - Rohm BAS21HM Datasheet HTML 5Page - Rohm BAS21HM Datasheet HTML 6Page - Rohm BAS21HM Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
BAS21HM
Electrical characteristic curves
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
030
60
90
120
150
D=0.5
D.C.
half sin wave
D=0.2
D=0.1
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
030
60
90
120
150
D=0.5
D.C.
half sin wave
D=0.2
D=0.1
T
Tj=150°C
D=t/T
t
VR
Io
VR=VRmax
0A
0V
T
Tj=150°C
D=t/T
t
VR
Io
VR=VRmax
0A
0V
TIME : t(s)
Rth-t CHARACTERISTICS
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
CASE TEMPERATURE : Tc(°C)
DERATING CURVE (Io-Tc)
AMBIENT TEMPERATURE : Ta(°C)
Pd-Ta CHARACTERISTICS
1
10
100
1000
0.001 0.01
0.1
1
10
100
1000
Rth(j-c)
Rth(j-a)
20mm x 20mm x 0.8mm glass epoxy(FR-4)
Both side is all covered with copper
(35um thickness)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
3/4
2016.09 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com