Electronic Components Datasheet Search
  English  ▼

X  

BAS21HM Datasheet(PDF) 1 Page - Rohm

Part # BAS21HM
Description  Switching Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAS21HM Datasheet(HTML) 1 Page - Rohm

  BAS21HM Datasheet HTML 1Page - Rohm BAS21HM Datasheet HTML 2Page - Rohm BAS21HM Datasheet HTML 3Page - Rohm BAS21HM Datasheet HTML 4Page - Rohm BAS21HM Datasheet HTML 5Page - Rohm BAS21HM Datasheet HTML 6Page - Rohm BAS21HM Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Switching Diode
BAS21HM
Series
Dimensions
(Unit : mm)
Land Size Figure
(Unit : mm)
High frequency switching
Application
General rectification
Structure
Features
1) Small power mold type
(SOT-23)
Taping Dimensions
(Unit : mm)
2) High speed switching
3) High current overload capacity
Construction
Silicon epitaxial planar type
Absolute Maximum Ratings
(Ta= 25°C)
Symbol
Unit
Repetitive peak reverse voltage
VRM
V
Reverse voltage
VR
V
Forward current
IF
mA
Repetitive peak forward current
IFRM
mA
Power dissipation
Ptot
mW
Operating junction temperature
Tj
°C
Storage temperature
Tstg
°C
* 20mm x 20mm x 0.8mm, FR-4 both side is all covered with copper.
Electrical Characteristics
(Tj= 25°C)
Symbol
Min. Typ. Max. Unit
0.75 0.93
1.0
V
0.8
1.05 1.25
V
-
-
100
nA
-
-
100
A
Reverse recovery time
trr
-
-
50
ns
Terminal capacitance
Ct
-2.5
-
pF
Thermal resistance
Rth(j-a)
-
-
250 °C/W
A
tp ≦1s, Duty≦0.5
250
Duty≦0.5
Glass epoxy mounted *
250
Square wave ,
Non-repetitive at Tj=25ºC
t=1μs
t=10ms
10
2
Parameter
Limits
Conditions
Parameter
200
150
55 to 150
625
200
IFSM
Non-repetitive forward surge current
Junction to ambient
Direct reverse voltage
IF=100mA
Conditions
-
-
Direct forward current
IF=200mA
IF=30mA, IR=30mA, RL=100Ω, Irr=0.1×IR
VR=0V, f=1MHz
Forward voltage
Reverse current
VR=200V
Tj=25ºC
Tj=150ºC
VF
IR
SOT-23
ROHM : SSD3
JEDEC : SOT-23
0.80MIN
2.40
Cathode
Anode
Open
1/4
2016.09 - Rev.A


Similar Part No. - BAS21HM

ManufacturerPart #DatasheetDescription
logo
Rohm
BAS21HMFH ROHM-BAS21HMFH Datasheet
1,008Kb / 7P
Switching Diode
More results

Similar Description - BAS21HM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com