Electronic Components Datasheet Search
  English  ▼

X  

L260 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L260
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L260 Datasheet(HTML) 4 Page - IXYS Corporation

  L260 Datasheet HTML 1Page - IXYS Corporation L260 Datasheet HTML 2Page - IXYS Corporation L260 Datasheet HTML 3Page - IXYS Corporation L260 Datasheet HTML 4Page - IXYS Corporation L260 Datasheet HTML 5Page - IXYS Corporation L260 Datasheet HTML 6Page - IXYS Corporation L260 Datasheet HTML 7Page - IXYS Corporation L260 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2000 IXYS All rights reserved
4 - 8
MUBW 35-06 A6
Module
Symbol
Conditions
Maximum Ratings
T
stg
-40...+125
°C
V
ISOL
I
ISOL £ 1 mA; 50/60 Hz; t = 1 min
2500
V~
M
d
Mounting torque (M4)
2.0 - 2.2
Nm
18 - 20
lb.in.
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance in air
12.7
mm
Weight
typ.
42
g
Temperature Sensor R
Symbol
Conditions
Maximum Ratings
RT
amb = 20°C
4.7
k
W
For additional data see C620/4.7k 5% S+M NTC thermistor catalog
Dimensions in mm (1 mm = 0.0394")
57.3-0.3
5.5+0.2
4.3+0.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com